Electronic Components Datasheet Search
  English  ▼

X  

138AML Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 2 Page - Vishay Siliconix

  138AML Datasheet HTML 1Page - Vishay Siliconix 138AML Datasheet HTML 2Page - Vishay Siliconix 138AML Datasheet HTML 3Page - Vishay Siliconix 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 19-Sep-12
2
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Forms BA and BR
Fig. 3 - Forms BA and BR
Fig. 4 - Form AA
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
10162540
5063
100
1.0
---
----
6.3 x 12.7
2.2
---
----
6.3 x 12.7
4.7
-
-
-
-
-
-
6.3 x 12.7
7.7 x 12.7
10
-
-
-
6.3 x 12.7
-
6.3 x 12.7
7.7 x 12.7
6.5 x 18
22
-
-
6.3 x 12.7
6.3 x 12.7
-
7.7 x 12.7
6.5 x 18
8 x 18
33
-
-
-
6.3 x 12.7
7.7 x 12.7
-
-
-
47
-
-
6.3 x 12.7
7.7 x 12.7
6.5 x 18
-
8 x 18
10 x 25
68
---
----
10 x 30
100
6.3 x 12.7
-
7.7 x 12.7
6.5 x 18
8 x 18
10 x 18
10 x 25
12.5 x 30
150
-
7.7 x 12.7
-
-
-
-
10 x 30
15 x 30
220
7.7 x 12.7
6.5 x 18
8 x 18
10 x 18
10 x 25
-
12.5 x 30
15 x 30
330
-
-
-
-
10 x 30
-
12.5 x 30
18 x 30
470
6.5 x 18
8 x 18
10 x 18
10 x 25
12.5 x 30
-
15 x 30
18 x 38
680
-
-
-
10 x 30
12.5 x 30
-
18 x 30
21 x 38
1000
10 x 18
10 x 25
10 x 30
12.5 x 30
15 x 30
-
18 x 38
-
1500
-
10 x 30
12.5 x 30
15 x 30
18 x 30
-
21 x 38
-
2200
10 x 25
12.5 x 30
15 x 30
18 x 30
18 x 38
-
-
-
3300
-
15 x 30
18 x 30
18 x 38
21 x 38
-
-
-
4700
-
18 x 30
18 x 30
18 x 38
----
6800
-
18 x 38
18 x 38
21 x 38
----
10 000
-
18 x 38
21 x 38
-----
15 000
-
21 x 38
-
-----
L
63.5 ± 1.5
Ø D
Ø d
+
F
Form BR: Taped on reel
Form BA: Taped in box (ammopack)
Case Ø D x L = 6.3 mm x 12.7 mm to 7.7 mm x 12.7 mm
73 ± 1.6
Ø D
Ø d
L
F
Form BR: Taped on reel
Case Ø D x L = 6.5 mm x 18 mm to 15 mm x 30 mm
Form BA: Taped in box (ammopack)
Case Ø D x L = 6.5 mm x 18 mm to 10 mm x 25 mm
Form AA: Axial in box
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
33 ± 1
Ø D
Ø d
I
L
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com