Electronic Components Datasheet Search
  English  ▼

X  

672D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 672D
Description  Aluminum Capacitors 105 °C, Miniature, Radial Lead
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

672D Datasheet(HTML) 3 Page - Vishay Siliconix

  672D Datasheet HTML 1Page - Vishay Siliconix 672D Datasheet HTML 2Page - Vishay Siliconix 672D Datasheet HTML 3Page - Vishay Siliconix 672D Datasheet HTML 4Page - Vishay Siliconix 672D Datasheet HTML 5Page - Vishay Siliconix 672D Datasheet HTML 6Page - Vishay Siliconix 672D Datasheet HTML 7Page - Vishay Siliconix 672D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
672D
www.vishay.com
Vishay Sprague
Revision: 22-May-13
3
Document Number: 42054
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE AND REEL, SPECIFICATIONS TO EIA-468D in inches [millimeters]
Note
(1) Available as special order.
DIMENSIONS in inches [millimeters] AND PACKAGING QUANTITIES
CASE SIZE
F LEAD SPACING
STD. QTY/REEL
0.236 x 0.453 [6.0 x 11.0]
0.197 [5.0]
800
0.315 x 0.472 [8.0 x 12.0]
0.197 [5.0]
700
P
K
H
F
P
d
D
0
W
0 W
L
1
H
0
Formed Leads
DIMENSIONS in inches [millimeters] AND PACKAGING QUANTITIES
CASE SIZE
F LEAD SPACING
STD. QTY/REEL
0.236 x 0.453 [6.0 x 11.0]
0.098 [2.5]
800
0.315 x 0.472 [8.0 x 12.0]
0.140 [3.5] (1)
700
0.394 x 0.512 [10.0 x 13.0]
0.197 [5.0]
500
0.394 x 0.630 [10.0 x 16.0]
0.197 [5.0]
500
0.394 x 0.787 [10.0 x 20.0]
0.197 [5.0]
500
P
Unformed (Straight) Leads
D
0
H
F
P
0
L
1
W
0 W
d
f



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com