Electronic Components Datasheet Search
  English  ▼

X  

Reversevoltage Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Reversevoltage
Description  Aluminum Capacitors Radial, High Temperature Miniature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Reversevoltage Datasheet(HTML) 4 Page - Vishay Siliconix

  Reversevoltage Datasheet HTML 1Page - Vishay Siliconix Reversevoltage Datasheet HTML 2Page - Vishay Siliconix Reversevoltage Datasheet HTML 3Page - Vishay Siliconix Reversevoltage Datasheet HTML 4Page - Vishay Siliconix Reversevoltage Datasheet HTML 5Page - Vishay Siliconix Reversevoltage Datasheet HTML 6Page - Vishay Siliconix Reversevoltage Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
140 RTM
www.vishay.com
Vishay BCcomponents
Revision: 15-Nov-12
4
Document Number: 28322
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 5 - Typical multiplier of capacitance
as a function of ambient temperature
Fig. 6 - Typical multiplier of capacitance
as a function of frequency
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 7 - Typical multiplier of ESR
as a function of ambient temperature
Fig. 8 - Typical multiplier of ESR as a function of frequency
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1V
Current
Leakage current
After 1 min at UR
IL1  0.01 CR x UR +3μA
After 5 min at UR
IL5  0.002 CR x UR +3 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
Typ. 16 nH
Case Ø D
 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2 f C
R
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
1.2
1.1
1.0
0.9
0.8
C
C
0
C
0 = Typical capacitance at 20 °C, 100 Hz
Curve 1: U
R < 50 V
Curve 2: U
R ≥ 50 V
1
1
2
2
T
amb (°C)
C
0 = Typical capacitance at 20 °C, 100 Hz
1.2
1.0
0.8
0.6
0.4
0.2
C
C
0
10
10
2
10
3
10
4
10
5
f (Hz)
Curve 1: U
R < 50 V
Curve 2: U
R ≥ 50 V
1
1
2
2
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
ESR
0 = Typical capacitance at 20 °C, 100 Hz
ESR
ESR
0
10
1
Curve 1: U
R < 50 V
Curve 2: U
R ≥ 50 V
2
1
1
2
T
amb (°C)
ESR
0 = Typical ESR at 20 °C, 100 Hz
2.0
1.6
1.2
0.8
0.4
0
ESR
ESR
0
10
10
2
10
3
10
4
10
5
f (Hz)
Curve 1: U
R < 50 V
Curve 2: U
R ≥ 50 V
1
1
2
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com