Electronic Components Datasheet Search
  English  ▼

X  

34.113 Datasheet(PDF) 1 Page - Altech corporation

Part # 34.113
Description  FIXED PRINTED CIRCUIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

34.113 Datasheet(HTML) 1 Page - Altech corporation

  34.113 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
110
FIXED PRINTED CIRCUIT
US Pin Spacinga
Tubular Screw Clamp
For wire-to-board connections in lighter
duty applications with strict budgets and
where infrequent wire terminations are
expected.
The AK(Z)110 is available in Top Wire
Entry. Please contact Altech for informa-
tion.
• Multipole, Modular Design
• Wire Protector Standard
• Housing Material: Polyamide 6.6
• Standard Color: Gray
Wire Range
Current
Voltage
0.5-1.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
Wire Range
Current
Voltage
0.5-1.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
IEC/VDE
(File No. E101811)
(File No. LR68503)
Ratings
aBlocks with metric pin spacing
begin on page 132.
Pin Spacing 5.08mm (.200)
Stripping Length 6mm (.236)
Screw Hole Diameter 3mm (.118)
Pin Spacing 5mm (.197)b
Stripping Length 5mm (.197)
Screw Hole Diameter 3mm (.118)
AK(Z)505
Top Wire Entry
Front Wire Entry
AKZ500
No. of
Ordering Information
Poles
Terminal Block, US (Inch) Pin Spacing
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK(Z)505/2wp
30.752
10.00 ( .39)
100
AK(Z)505/3wp
30.753
15.00 ( .59)
100
AK(Z)505/4wp
30.754
20.00 ( .79)
50
AK(Z)505/5wp
30.755
25.00 ( .99)
50
AK(Z)505/6wp
30.756
30.00 (1.18)
50
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ500/2wp
34.102
10.16 ( .40)
100
AKZ500/3wp
34.103
15.24 ( .60)
100
AKZ500/4wp
34.104
20.32 ( .80)
50
AKZ500/5wp
34.105
25.40 (1.00)
50
AKZ500/6wp
34.106
30.48 (1.20)
50
AKZ500/7wp
34.107
35.56 (1.40)
30
AKZ500/8wp
34.108
40.64 (1.60)
30
AKZ500/9wp
34.109
45.72 (1.80)
30
AKZ500/10wp
34.110
50.80 (2.00)
30
AKZ500/11wp
34.111
55.88 (2.20)
20
AKZ500/12wp
34.112
60.98 (2.40)
20
AKZ500/13wp
34.113
66.04 (2.60)
20
AKZ500/14wp
34.114
71.14 (2.80)
20
AKZ500/15wp
34.115
76.20 (3.00)
20
AKZ500/16wp
34.116
81.28 (3.20)
15
AKZ500/17wp
34.117
86.36 (3.40)
15
AKZ500/18wp
34.118
91.44 (3.60)
15
AKZ500/19wp
34.119
96.52 (3.80)
15
AKZ500/20wp
34.120
101.60 (4.00)
15
AKZ500/21wp
34.121
106.68 (4.20)
10
AKZ500/22wp
34.122
111.76 (4.40)
10
AKZ500/23wp
34.123
116.84 (4.60)
10
AKZ500/24wp
34.124
121.92 (4.80)
10
bAppropriate for use in US (inch) pin spacings up to the
number of poles shown.
Dimensions
mm
in.
mm
in.
0.60
0.024
3.70
0.146
0.70
0.028
3.90
0.154
0.90
0.035
4.00
0.157
1.00
0.039
4.50
0.177
1.10
0.043
5.08
0.200
2.00
0.079
7.50
0.295
2.60
0.102
9.00
0.354
2.70
0.106
10.00
0.394
3.10
0.122
12.50
0.492
3.40
0.134
13.00
0.512
3.50
0.138
®
®
1.1mm
®
®
®
®
5.08mm
®
®
2.6mm
®
®
ø0.9mm
®
0.6mm
®
L
®
7.5mm
®
®
3.5mm
®
7.5mm
®
®
3.7mm
®
®
®
®
®
L
®
0.6mm
NEXT
FIND IT


Similar Part No. - 34.113

ManufacturerPart #DatasheetDescription
logo
Altech corporation
34.113 ALTECH-34.113 Datasheet
70Kb / 2P
FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
More results

Similar Description - 34.113

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
Printed Circuit Board
logo
Altech corporation
AKZ500 ALTECH-AKZ500 Datasheet
542Kb / 20P
FIXED PRINTED CIRCUIT
logo
Mill-Max Mfg. Corp.
0259-0-00-01-00-00-03-0 MILL-MAX-0259-0-00-01-00-00-03-0 Datasheet
79Kb / 1P
PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
logo
Altech corporation
30.102 ALTECH-30.102 Datasheet
66Kb / 2P
FIXED PRINTED CIRCUIT
36.053 ALTECH-36.053 Datasheet
543Kb / 20P
FIXED PRINTED CIRCUIT
37002 ALTECH-37002 Datasheet
543Kb / 20P
FIXED PRINTED CIRCUIT
30.206 ALTECH-30.206 Datasheet
70Kb / 2P
FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
logo
FCI connector
PHEC50P-S111LF FCI-CONNECTOR-PHEC50P-S111LF Datasheet
144Kb / 1P
PRINTED CIRCUIT CONNECTOR
logo
Mill-Max Mfg. Corp.
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
PRINTED CIRCUIT PINS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com