Electronic Components Datasheet Search
  English  ▼

X  

ECL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ECL
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECL Datasheet(HTML) 2 Page - Vishay Siliconix

  ECL_12 Datasheet HTML 1Page - Vishay Siliconix ECL_12 Datasheet HTML 2Page - Vishay Siliconix ECL_12 Datasheet HTML 3Page - Vishay Siliconix ECL_12 Datasheet HTML 4Page - Vishay Siliconix ECL_12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ECL
www.vishay.com
Vishay Roederstein
Revision: 18-Oct-12
2
Document Number: 25020
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values apply at
Tamb = 20 °C, P = 86 to 100 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
ECL 22 μF/50 V, ± 20 %, size 6.3 x 5.8 mm
Ordering code: MALSECL00AD222HARK
For Standard Packaging Quantity (SPQ) and Minimum Order
Quantity (MOQ) please refer to our price list or contact
customer service.
DIMENSIONS in millimeters
CASE SIZE
CODE
D ±
L ±
A ±
B ±
C ±
E ±
RN
P
AD
6.3 ± 0.5
5.8 ± 0.3
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 to 0.8
0.3
0.5
BM
6.3 ± 0.5
7.7 ± 0.4
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 to 0.8
0.3
0.5
AE
8 ± 0.5
6.2 ± 0.4
3.3 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
2.3 ± 0.2
0.5 to 0.8
0.3
0.5
AF
8 ± 0.5
10 ± 0.5
2.9 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
3.1 ± 0.2
0.8 to 1.1
0.3
0.5
AG
10 ± 0.5
10 ± 0.5
3.2 ± 0.2
10.3 ± 0.2
10.3 ± 0.2
4.5 ± 0.2
0.8 to 1.1
0.3
0.5
AH
12.5 ± 0.5
13.5 ± 0.5
4.6 ± 0.2
12.8 ± 0.2
12.8 ± 0.2
4.5 ± 0.2
1.1 to 1.4
0.3
0.5
C ±
α
Capacitance
Lot no.
Voltage
Plastic plateform
L ±
α
E ±
α
N max.
P max.
R
Positive
Negative
-
+
-
+
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
Rated voltage
CR
Rated capacitance at 120 Hz
tan
Max. dissipation factor at 120 Hz
RESR
Max. equivalent series resistance at 120 Hz
IR
Rated alternating current at 120 Hz and upper
catagory temperature
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
DIMENSIONS
Dx L
(mm)
tan
120 Hz
Z
100 kHz/
20 °C
(
)
IR
100 kHz/
105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
6.3
220
6.3 x 5.8
0.24
0.44
230
0.30
MALSECL00AD322BARK
330
8 x 6.2
0.24
0.26
300
0.55
MALSECL00AE333BARK
1000
10 x 10
0.24
0.09
670
1.21
MALSECL00AG410BARK
1500
10 x 10
0.24
0.09
670
1.21
MALSECL00AG415BARK
10
220
6.3 x 7.7
0.19
0.34
280
0.40
MALSECL00BM322CARK
470
8 x 10
0.19
0.17
450
1.00
MALSECL00AF347CARK
680
10 x 10
0.19
0.09
670
1.21
MALSECL00AG368CARK
16
100
6.3 x 5.8
0.16
0.44
230
0.30
MALSECL00AD310DARK
220
8 x 6.2
0.16
0.26
300
0.55
MALSECL00AE322DARK
330
8 x 10
0.16
0.17
450
1.00
MALSECL00AF333DARK
470
10 x 10
0.16
0.09
670
1.21
MALSECL00AG347DARK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com