Electronic Components Datasheet Search
  English  ▼

X  

ECV Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ECV
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECV Datasheet(HTML) 4 Page - Vishay Siliconix

  ECV Datasheet HTML 1Page - Vishay Siliconix ECV Datasheet HTML 2Page - Vishay Siliconix ECV Datasheet HTML 3Page - Vishay Siliconix ECV Datasheet HTML 4Page - Vishay Siliconix ECV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ECV
www.vishay.com
Vishay Roederstein
Revision: 18-Oct-12
4
Document Number: 25003
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RESISTANCE TO SOLDERING HEAT
Leakage current
Less than specified value
Capacitance value
Within ± 10 % of initial value
tan
Less than specified value
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO
(Z) T2/(Z) T1
RATED VOLTAGE (V)
T2/T1
6.3
10
162535
50
- 25 °C/+ 20 °C
3
3
2
2
2
2
- 40 °C/+ 20 °C
8
5
4
3
3
3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(test conditions: UR, 20 °C)
After 2 min at UR
IL2  0.01 x CR x UR
or 3 μA
for UR  100 V (whichever is greater)
Resistance
Equivalent series resistance
(ESR)
Calculated from tan
max.
ESR = tan
/2  f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER FOR UR  100 V
50
0.70
120
1.00
300
1.17
1000
1.36
 10 000
1.50
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 2000 h
C/C: ± 20 % of initial value
IL  spec. limit
tan
  2 x spec. limit
Shelf life
No voltage applied
After 1000 h
After test: UR to be applied for 30 min
24 h to 48 h before measurement
C/C: ± 20 % of initial value
IL  spec. limit
tan
  2 x spec. limit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com