Electronic Components Datasheet Search
  English  ▼

X  

GS8000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS8000
Description  Increase package design flexibility while maintaining electrical integrity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS8000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS8000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS8000 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS8000 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS8000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Extended Service Heights
The GS8000 Series of GORE® EMI Shielding Materials performs well
in both grounding and EMI shielding applications. Gore recommends
using each variant within a range of service heights (gap distances).
For shielding applications, Gore recommends a smaller service height
range than for grounding applications to ensure a robust EMI seal.
The low closure force and broad range of tolerance take-up results in
multiple product choices for some gap distances. Selecting the most
suitable variant for a given application depends on:
1. Gap distance of the housing that needs to be filled
2. Compression force required to achieve the specified gap distance
3. Required DC resistance for grounding applications (or required
shielding effectiveness for shielding applications) at a specified
gap distance
Figure 1 and Figure 2 show recommended service heights (gap
distances) for each variant.
Figure 1: Recommended Service Heights for Use
in EMI Gasket Applications
1
To measure the recovered thickness, samples were compressed to the compression stop. While compressed, the samples were subjected to a 70°C temperature soak for 70 hrs per ASTM
D395B. Lastly, the samples were released from compression and allowed to recover for 30 minutes before the recovered thickness was measured.
Pressure and DC Resistance
Three of the variants among the GS8000 Series provide conductivity
when compressed to 0.6 mm (0.24 in); however, the amount of
pressure and DC resistance varies for each. Table 2 shows the values
for each of these three variants.
Table 2: Pressure and DC Resistance Values
at 0.6 mm Gap (data taken from Figures 3 – 6)
Variants
Pressure Required (psi) DC Resistance (ohms)
GS8000-063
15
0.03
GS8000-095
55
0.02
GS8000-126
75
0.01
Table 3: Product Specifications (measuredon5x5mmgroundingpads)
Figure 2: Recommended Service Heights for Use
in Grounding Pads
2.40
2.25
2.10
1.95
1.80
1.65
1.50
1.35
1.20
1.05
0.90
0.75
0.60
0.45
0.30
0.15
0.00
GS8000 Series
GS8000-03X
GS8000-063
GS8000-095
GS8000-126
2.20 mm @ 1 psi
1.40 mm
@ 5 psi
0.60 mm @ 75 psi
1.20 mm @ 5 psi
0.85 mm
@ 20 psi
0.50 mm @ 100 psi
0.90 mm @ 5 psi
0.60 mm
@ 15 psi
0.30 mm @ 95 psi
0.45 mm @ 10 psi
0.30 mm
@ 50 psi
0.15 mm @ 325 psi
1.50
1.35
1.20
1.05
0.90
0.75
0.60
0.45
0.30
0.15
0.00
GS8000 Series
GS8000-03X
GS8000-063
GS8000-095
GS8000-126
1.40 mm @ 5 psi
0.60 mm @ 75 psi
0.85 mm @ 20 psi
0.50 mm @ 100 psi
0.60 mm @ 15 psi
0.30 mm @ 95 psi
0.30 mm @ 50 psi
0.15 mm @ 325 psi
GS8000 SERIES — Gaskets
and Grounding Pads
GORE
®
EMI Shielding
MATERIALS
Page 2
Pressure to Achieve
Initial DC
Recovered
Variants
Weight
Compression
Resistance
Thickness
(g)
(psi)
(ohms)
mm (in)1
High
0.45 (0.018)
10
0.245
0.56 (0.022)
GS8000-03X
0.008
Recommended
0.30 (0.012)
50
0.125
0.38 (0.015)
Low
0.15 (0.006)
325
0.015
0.25 (0.010)
High
0.90 (0.035)
5
0.070
1.19 (0.047)
GS8000-063
0.010
Recommended
0.60 (0.024)
15
0.025
0.91 (0.036)
Low
0.30 (0.012)
95
0.007
0.51 (0.020)
High
1.20 (0.047)
5
0.115
1.65 (0.065)
GS8000-095
0.011
Recommended
0.85 (0.033)
20
0.040
1.24 (0.049)
Low
0.50 (0.020)
100
0.010
0.74 (0.029)
High
2.20 (0.087)
1
0.240
2.62 (0.103)
GS8000-126
0.013
Recommended
1.40 (0.055)
5
0.150
1.90 (0.075)
Low
0.60 (0.024)
75
0.012
0.94 (0.037)
Compression Stop
mm (in)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com