Electronic Components Datasheet Search
  English  ▼

X  

30.103 Datasheet(PDF) 1 Page - Altech corporation

Part # 30.103
Description  FIXED PRINTED CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

30.103 Datasheet(HTML) 1 Page - Altech corporation

  30.103 Datasheet HTML 1Page - Altech corporation 30.103 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
134
FIXED PRINTED CIRCUIT
Metric Pin Spacinga
Tubular Screw Clamp
For wire-to-board connections in
applications with strict budgets and
where infrequent wire terminations are
expected.
The popular AK100 is now offered in a
single mold design as Type AK102.
Please contact Altech for ordering
information.
• Multipole, Modular Design
• Wire Protector Standard
• Housing Material: Polyamide 6.6
• Standard Color: Gray
Ratings
No. of
Ordering Information
Poles
Terminal Block, mm Pin Spacing
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
IEC/VDE
(File No. E101811)
(File No. LR68503)
aBlocks with US (Inch) pin spacing
begin on page 110.
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK105/2wp
30.052
10.00 ( .39)
100
AK105/3wp
30.053
15.00 ( .59)
100
AK105/4wp
30.054
20.00 ( .79)
50
AK105/5wp
30.055
25.00 ( .99)
50
AK105/6wp
30.056
30.00 (1.18)
50
AK105/7wp
30.057
35.00 (1.38)
30
AK105/8wp
30.058
40.00 (1.58)
30
AK105/9wp
30.059
45.00 (1.77)
30
AK105/10wp
30.060
50.00 (1.97)
30
AK105/11wp
30.061
55.00 (2.17)
20
AK105/12wp
30.062
60.00 (2.36)
20
AK105/13wp
30.063
65.00 (2.56)
20
AK105/14wp
30.064
70.00 (2.76)
20
AK105/15wp
30.065
75.00 (2.95)
20
AK105/16wp
30.066
80.00 (3.15)
15
AK105/17wp
30.067
85.00 (3.35)
15
AK105/18wp
30.068
90.00 (3.54)
15
AK105/19wp
30.069
95.00 (3.74)
15
AK105/20wp
30.070
100.00 (3.94)
15
AK105/21wp
30.071
105.00 (4.13)
10
AK105/22wp
30.072
110.00 (4.33)
10
AK105/23wp
30.073
115.00 (4.53)
10
AK105/24wp
30.074
120.00 (4.72)
10
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK100/2wp
30.002
10.00 ( .39)
100
AK100/3wp
30.003
15.00 ( .59)
100
AK100/4wp
30.004
20.00 ( .79)
50
AK100/5wp
30.005
25.00 ( .99)
50
AK100/6wp
30.006
30.00 (1.18)
50
AK100/7wp
30.007
35.00 (1.38)
30
AK100/8wp
30.008
40.00 (1.58)
30
AK100/9wp
30.009
45.00 (1.77)
30
AK100/10wp
30.010
50.00 (1.97)
30
AK100/11wp
30.011
55.00 (2.17)
20
AK100/12wp
30.012
60.00 (2.36)
20
AK100/13wp
30.013
65.00 (2.56)
20
AK100/14wp
30.014
70.00 (2.76)
20
AK100/15wp
30.015
75.00 (2.95)
20
AK100/16wp
30.016
80.00 (3.15)
15
AK100/17wp
30.017
85.00 (3.35)
15
AK100/18wp
30.018
90.00 (3.54)
15
AK100/19wp
30.019
95.00 (3.74)
15
AK100/20wp
30.020
100.00 (3.94)
15
AK100/21wp
30.021
105.00 (4.13)
10
AK100/22wp
30.022
110.00 (4.33)
10
AK100/23wp
30.023
115.00 (4.53)
10
AK100/24wp
30.024
120.00 (4.72)
10
Wire Range
Current
Voltage
0.5-2.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
Wire Range
Current
Voltage
0.5-2.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
Top Wire Entry
Pin Spacing 5mm (.197)
Stripping Length 5mm (.197)
Screw Hole Diameter 3mm (.118)
Front Wire Entry
Pin Spacing 5mm (.197)
Stripping Length 6mm (.236)
Screw Hole Diameter 4mm (.158)
AK100
AK105
Dimensions
mm
in.
mm
in.
0.60
0.024
4.00
0.157
0.70
0.028
4.50
0.177
0.90
0.035
5.00
0.197
1.00
0.039
7.50
0.295
1.10
0.043
9.00
0.354
2.00
0.079
10.00
0.394
2.60
0.102
12.50
0.492
2.70
0.106
15.00
0.591
3.10
0.122
22.50
0.886
3.40
0.134
25.00
0.984
3.50
0.138
®
®
9mm
®
®
4mm
2m
®
®
®
L
®
0.7mm
®
®
5mm
3.1mm
®
®
®
9mm
®
®
®
3.5mm
2mm
L
®
®
0.7mm
®
®
®
®
Ø1mm
®
®
®
®
3.1mm
5mm
4.5mm
PREVIOUS
HOME
NEXT
FIND IT


Similar Part No. - 30.103

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
30.000FEGR2 FOX-30.000FEGR2 Datasheet
223Kb / 2P
Glass Seal SMD Crystal
logo
Altech corporation
30.206 ALTECH-30.206 Datasheet
70Kb / 2P
FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
30.302 ALTECH-30.302 Datasheet
46Kb / 1P
Metric Pin Spacinga Tubular Screw Clamp Plug
30.303 ALTECH-30.303 Datasheet
46Kb / 1P
Metric Pin Spacinga Tubular Screw Clamp Plug
30.304 ALTECH-30.304 Datasheet
46Kb / 1P
Metric Pin Spacinga Tubular Screw Clamp Plug
More results

Similar Description - 30.103

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
Printed Circuit Board
logo
Altech corporation
AKZ500 ALTECH-AKZ500 Datasheet
542Kb / 20P
FIXED PRINTED CIRCUIT
logo
Mill-Max Mfg. Corp.
0259-0-00-01-00-00-03-0 MILL-MAX-0259-0-00-01-00-00-03-0 Datasheet
79Kb / 1P
PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
logo
Altech corporation
34.102 ALTECH-34.102 Datasheet
38Kb / 1P
FIXED PRINTED CIRCUIT
36.053 ALTECH-36.053 Datasheet
543Kb / 20P
FIXED PRINTED CIRCUIT
37002 ALTECH-37002 Datasheet
543Kb / 20P
FIXED PRINTED CIRCUIT
30.206 ALTECH-30.206 Datasheet
70Kb / 2P
FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
logo
FCI connector
PHEC50P-S111LF FCI-CONNECTOR-PHEC50P-S111LF Datasheet
144Kb / 1P
PRINTED CIRCUIT CONNECTOR
logo
Mill-Max Mfg. Corp.
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
PRINTED CIRCUIT PINS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com