Electronic Components Datasheet Search
  English  ▼

X  

30.106 Datasheet(PDF) 2 Page - Altech corporation

Part # 30.106
Description  FIXED PRINTED CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

30.106 Datasheet(HTML) 2 Page - Altech corporation

  30.106 Datasheet HTML 1Page - Altech corporation 30.106 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
135
Wire Range
Current
Voltage
0.5-1.5mm2
16A
500V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
Length L
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
Type
Cat. No.
mm (in.)
Std. Pk.
AK115/2wp
30.152
15.00 ( .59)
100
AK115/3wp
30.153
22.50 ( .89)
100
AK115/4wp
30.154
30.00 (1.18)
50
AK115/5wp
30.155
37.50 (1.48)
50
AK115/6wp
30.156
45.00 (1.77)
50
AK115/7wp
30.157
52.50 (2.08)
30
AK115/8wp
30.158
60.00 (2.36)
30
AK115/9wp
30.159
67.50 (2.66)
30
AK115/10wp
30.160
75.00 (2.95)
30
AK115/11wp
30.161
82.50 (3.25)
20
AK115/12wp
30.162
90.00 (3.54)
20
AK115/13wp
30.163
97.50 (3.84)
20
AK115/14wp
30.164
105.00 (4.13)
20
AK115/15wp
30.165
112.50 (4.43)
20
AK115/16wp
30.166
120.00 (4.73)
15
AK115/17wp
30.167
127.50 (5.02)
15
AK115/18wp
30.168
135.00 (5.32)
15
AK115/19wp
30.169
142.50 (5.61)
15
AK115/20wp
30.170
150.00 (5.91)
15
AK115/21wp
30.171
157.50 (6.20)
10
AK115/22wp
30.172
165.00 (6.50)
10
AK115/23wp
30.173
172.50 (6.79)
10
AK115/24wp
30.174
180.00 (7.09)
10
AK600/2wp
34.402
15.00 ( .59)
100
AK600/3wp
34.403
25.00 ( .99)
50
AK600/4wp
34.404
35.00 (1.38)
30
AK600/5wp
34.405
45.00 (1.77)
30
AK600/6wp
34.406
55.00 (2.17)
20
AK600/7wp
34.407
65.00 (2.56)
20
AK600/8wp
34.408
75.00 (2.95)
20
AK600/9wp
34.409
85.00 (3.35)
15
AK600/10wp
34.410
95.00 (3.74)
15
AK600/11wp
34.411
105.00 (4.13)
10
AK600/12wp
34.412
115.00 (4.53)
10
Wire Range
Current
Voltage
0.5-2.5mm2
16A
500V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
AK110
Front Wire Entry
Pin Spacing 7.5mm (.295)
Stripping Length 6mm (.236)
Screw Hole Diameter 3.5mm (.138)
Wire Range
Current
Voltage
0.5-2.5mm2
16A
500V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
AK115
Top Wire Entry
Pin Spacing 7.5mm (.295)
Stripping Length 5mm (.197)
Screw Hole Diameter 3.5mm (.138)
Front Wire Entry
Pin Spacing 10mm (.394)
Stripping Length 6mm (.236)
Screw Hole Diameter 3mm (.118)
AK600
9mm
4mm
®
®
®
®
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK110/2wp
30.102
15.00 ( .59)
100
AK110/3wp
30.103
22.50 ( .89)
100
AK110/4wp
30.104
30.00 (1.18)
50
AK110/5wp
30.105
37.50 (1.48)
50
AK110/6wp
30.106
45.00 (1.77)
50
AK110/7wp
30.107
52.50 (2.08)
30
AK110/8wp
30.108
60.00 (2.36)
30
AK110/9wp
30.109
67.50 (2.66)
30
AK110/10wp
30.110
75.00 (2.95)
30
AK110/11wp
30.111
82.50 (3.25)
20
AK110/12wp
30.112
90.00 (3.54)
20
AK110/13wp
30.113
97.50 (3.84)
20
AK110/14wp
30.114
105.00 (4.13)
20
AK110/15wp
30.115
112.50 (4.43)
20
AK110/16wp
30.116
120.00 (4.73)
15
AK110/17wp
30.117
127.50 (5.02)
15
AK110/18wp
30.118
135.00 (5.32)
15
AK110/19wp
30.119
142.50 (5.61)
15
AK110/20wp
30.120
150.00 (5.91)
15
AK110/21wp
30.121
157.50 (6.20)
10
AK110/22wp
30.122
165.00 (6.50)
10
AK110/23wp
30.123
172.50 (6.79)
10
AK110/24wp
30.124
180.00 (7.09)
10
®
®
9mm
®
®
3.5mm
L
0.7mm
3.1mm
7.5mm
®
®
®
®
3.5mm
L
0.6mm
7.5mm
®
®
Ø0.9mm
®
®
10mm
®
®
2.6mm
2mm
2mm
®
®
®
®
1.1mm
L
0.7mm
3.1mm
ø1mm
7.5mm
®
®
®
®
®
®
®
®
®
®
7.5mm
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com