Electronic Components Datasheet Search
  English  ▼

X  

EY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EY
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EY Datasheet(HTML) 4 Page - Vishay Siliconix

  EY_13 Datasheet HTML 1Page - Vishay Siliconix EY_13 Datasheet HTML 2Page - Vishay Siliconix EY_13 Datasheet HTML 3Page - Vishay Siliconix EY_13 Datasheet HTML 4Page - Vishay Siliconix EY_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Not for New Designs
EY
www.vishay.com
Vishay Roederstein
Revision: 09-Apr-13
4
Document Number: 25129
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LIFETIME TABLE Rated voltage:
 100 V
Notes
IR
100 Hz alternating current (A) at upper category temperature TUC taken from datasheet
I
User current (A)
Tamb Ambient temperature of capacitor (°C)
T
0
Surface temperature rise of capacitor caused by AC load (°C)
L
Lifetime multiplier
100
470
25 x 30
1.4
2.7
0.28
0.10
247
172
MALLEY01AV347L02W
680
25 x 40
1.9
3.6
0.41
0.14
170
116
MALLEY01AB368L02W
1000
30 x 40
2.5
4.7
0.60
0.20
123
88
MALLEY01BB410L02W
1500
35 x 40
3.1
5.8
0.90
0.30
94
71
MALLEY01CB415L02W
2200
35 x 50
3.9
7.4
1.32
0.44
69
55
MALLEY01CD422L02W
2200
40 x 40
3.6
6.8
1.32
0.44
81
65
MALLEY01DB422L02W
3300
40 x 50
4.6
8.7
1.98
0.66
59
48
MALLEY01DD433L02W
4700
40 x 70
6.2
11.7
2.82
0.94
42
36
MALLEY01DG447L02W
6800
40 x 100
8.2
15.5
4.08
1.36
32
28
MALLEY01DM468L02W
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
250 V versions
Us = 1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 minute at UR
IL1  0.006 CR x UR + 4 μA
After 5 minutes at UR
IL5  0.002 CR x UR + 4 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
Max. 25 nH
Case Ø D = 30 mm and 35 mm
Max. 30 nH
Case Ø D = 40 mm
Max. 35 nH
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE, AND LIFETIME
I/IR (frequency dependent)
SURFACE
TEMPERATURE
RISE
LIFETIME MULTIPLIER (depending on I/IR and Tamb)
FREQUENCY (Hz)
AMBIENT TEMPERATURE Tamb (°C)
50
100
250
500
1000
> 2500
T
0 (°C)
40
45
50
55
60
65
70
75
80
85
0.19
0.20
0.21
0.22
0.22
0.23
0.2
63
40
26
17
11
7.3
5.0
3.4
2.3
1.63
0.38
0.40
0.42
0.43
0.45
0.47
0.7
55
35
23
15
9.9
6.7
4.5
3.1
2.2
1.51
0.56
0.60
0.63
0.65
0.67
0.70
1.5
45
29
19
13
8.5
5.7
3.9
2.7
1.9
1.33
0.75
0.80
0.84
0.86
0.89
0.94
2.5
35
23
15
10
6.9
4.7
3.3
2.3
1.6
1.13
0.94
1.00
1.05
1.08
1.12
1.17
3.8
26
17
12
7.9
5.4
3.7
2.6
1.8
1.3
1.00
1.13
1.20
1.26
1.29
1.34
1.41
5.4
18
13
8.6
5.9
4.1
2.9
2.0
1.4
1.0
1.31
1.40
1.47
1.51
1.56
1.64
7.4
13
8.7
6.1
4.2
3.0
2.1
1.5
1.1
1.50
1.60
1.68
1.72
1.79
1.87
9.6
8.3
5.9
4.2
3.0
2.1
1.5
1.1
1.69
1.80
1.89
1.94
2.01
2.11
12
5.4
3.9
2.8
2.0
1.4
1.0
combination
1.88
2.00
2.10
2.15
2.23
2.34
15
3.4
2.5
1.8
1.3
not
2.06
2.20
2.30
2.37
2.45
2.58
18
2.1
1.5
1.1
permitted
2.25
2.40
2.51
2.58
2.68
2.81
21
1.2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1 min
(mA)
IL5
5 min
(mA)
ESR
100 Hz
(m
)
Z
10 kHz
(m
)
ORDERING CODE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com