Electronic Components Datasheet Search
  English  ▼

X  

182MM30S Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # 182MM30S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

182MM30S Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  182MM30S Datasheet HTML 1Page - Nippon Precision Circuits Inc 182MM30S Datasheet HTML 2Page - Nippon Precision Circuits Inc 182MM30S Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Long Life, Downsized, 125℃
(2/3)
CAT. No. E1001M
◆STANDARD RATINGS
□□ : Enter the appropriate lead forming or taping code.
GPASeries
Upgrude!
WV
(Vdc)
Cap
(μF)
Case size
φD×L(mm)
ESR (Initial)
(
Ωmax/100kHz)
-40
℃
-40
℃
ESR (End of Life)
(
Ωmax/100kHz)
Rated ripple current
(mArms/125
℃,100kHz)
Part No.
25
35
50
20
℃
20
℃
1,200
1,500
1,800
1,800
2,200
2,200
2,700
2,700
2,700
2,700
3,300
3,300
3,300
3,900
3,900
4,700
4,700
5,600
5,600
6,800
680
1,000
1,000
1,200
1,200
1,200
1,500
1,500
1,500
1,800
1,800
2,200
2,200
2,200
2,700
2,700
2,700
3,300
3,300
4,700
470
560
680
680
820
820
1,000
1,000
1,000
1,000
1,200
1,200
1,200
1,200
1,500
1,800
1,800
2,200
2,200
2,700
0.22
0.19
0.17
0.17
0.13
0.14
0.11
0.10
0.13
0.16
0.095
0.095
0.10
0.090
0.12
0.081
0.099
0.077
0.086
0.072
0.22
0.17
0.19
0.13
0.17
0.14
0.11
0.10
0.16
0.095
0.13
0.095
0.10
0.12
0.081
0.090
0.099
0.077
0.086
0.072
0.33
0.28
0.24
0.22
0.18
0.20
0.15
0.16
0.16
0.20
0.13
0.13
0.13
0.15
0.10
0.11
0.12
0.090
0.10
0.080
0.044
0.037
0.033
0.034
0.029
0.028
0.024
0.023
0.026
0.032
0.021
0.021
0.023
0.020
0.024
0.018
0.022
0.017
0.019
0.016
0.044
0.033
0.037
0.029
0.034
0.028
0.024
0.023
0.032
0.021
0.026
0.021
0.023
0.024
0.018
0.020
0.022
0.017
0.019
0.016
0.065
0.055
0.048
0.043
0.041
0.040
0.034
0.036
0.031
0.039
0.028
0.029
0.027
0.029
0.023
0.024
0.026
0.020
0.022
0.018
0.18
0.11
0.13
0.10
0.11
0.080
0.090
0.070
0.080
0.090
0.080
0.060
0.070
0.060
0.070
0.050
0.080
0.040
0.070
0.030
0.18
0.13
0.11
0.11
0.10
0.080
0.090
0.070
0.090
0.080
0.080
0.060
0.070
0.070
0.050
0.060
0.080
0.040
0.070
0.030
0.18
0.11
0.13
0.10
0.11
0.080
0.090
0.070
0.080
0.090
0.080
0.060
0.070
0.070
0.060
0.050
0.080
0.040
0.070
0.030
2.2
1.3
1.6
1.3
1.3
0.90
0.80
0.70
1.1
0.60
0.50
0.70
0.90
0.70
0.50
0.50
0.60
0.60
0.50
0.40
2.2
1.6
1.3
1.3
1.3
0.90
0.80
0.70
0.60
0.50
1.1
0.70
0.90
0.50
0.50
0.70
0.60
0.60
0.50
0.40
2.2
1.3
1.6
1.3
1.3
0.90
0.80
0.70
1.1
0.60
0.50
0.70
0.90
0.50
0.70
0.50
0.60
0.60
0.50
0.40
1,820
2,100
2,280
2,280
2,560
2,620
2,970
3,060
2,860
2,490
3,340
3,380
3,160
3,590
3,010
3,730
3,390
3,970
3,840
4,230
1,820
2,280
2,100
2,560
2,280
2,620
2,970
3,060
2,490
3,340
2,860
3,380
3,160
3,010
3,730
3,590
3,390
3,970
3,840
4,230
1,500
1,740
1,900
2,040
2,150
2,190
2,510
2,470
2,620
2,240
2,870
2,840
2,940
2,750
3,300
3,230
3,140
3,720
3,510
3,940
EGPA250E□□122MK20S
EGPA250E□□152MU20S
EGPA250E□□182MK25S
EGPA250E□□182ML20S
EGPA250E□□222MK30S
EGPA250E□□222MU25S
EGPA250E□□272MK35S
EGPA250E□□272MU30S
EGPA250E□□272ML25S
EGPA250E□□272MM20S
EGPA250E□□332MK40S
EGPA250E□□332MU35S
EGPA250E□□332ML30S
EGPA250E□□392ML35S
EGPA250E□□392MM25S
EGPA250E□□472MU40S
EGPA250E□□472MM30S
EGPA250E□□562ML40S
EGPA250E□□562MM35S
EGPA250E□□682MM40S
EGPA350E□□681MK20S
EGPA350E□□102MK25S
EGPA350E□□102MU20S
EGPA350E□□122MK30S
EGPA350E□□122ML20S
EGPA350E□□122MU25S
EGPA350E□□152MK35S
EGPA350E□□152MU30S
EGPA350E□□152MM20S
EGPA350E□□182MK40S
EGPA350E□□182ML25S
EGPA350E□□222MU35S
EGPA350E□□222ML30S
EGPA350E□□222MM25S
EGPA350E□□272MU40S
EGPA350E□□272ML35S
EGPA350E□□272MM30S
EGPA350E□□332ML40S
EGPA350E□□332MM35S
EGPA350E□□472MM40S
EGPA500E□□471MK20S
EGPA500E□□561MU20S
EGPA500E□□681MK25S
EGPA500E□□681ML20S
EGPA500E□□821MK30S
EGPA500E□□821MU25S
EGPA500E□□102MK35S
EGPA500E□□102MU30S
EGPA500E□□102ML25S
EGPA500E□□102MM20S
EGPA500E□□122MK40S
EGPA500E□□122MU35S
EGPA500E□□122ML30S
EGPA500E□□122MM25S
EGPA500E□□152ML35S
EGPA500E□□182MU40S
EGPA500E□□182MM30S
EGPA500E□□222ML40S
EGPA500E□□222MM35S
EGPA500E□□272MM40S
12.5×20
14.5×20
12.5×25
16×20
12.5×30
14.5×25
12.5×35
14.5×30
16×25
18×20
12.5×40
14.5×35
16×30
16×35
18×25
14.5×40
18×30
16×40
18×35
18×40
12.5×20
12.5×25
14.5×20
12.5×30
16×20
14.5×25
12.5×35
14.5×30
18×20
12.5×40
16×25
14.5×35
16×30
18×25
14.5×40
16×35
18×30
16×40
18×35
18×40
12.5×20
14.5×20
12.5×25
16×20
12.5×30
14.5×25
12.5×35
14.5×30
16×25
18×20
12.5×40
14.5×35
16×30
18×25
16×35
14.5×40
18×30
16×40
18×35
18×40
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com