Electronic Components Datasheet Search
  English  ▼

X  

MT9P031 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # MT9P031
Description  1/2.5-Inch 5Mp CMOS Digital Image Sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MT9P031 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button MT9P031 Datasheet HTML 35Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 36Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 37Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 38Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 39Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 40Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 41Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 42Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
PDF: 09005aef81a4a477/Source: 09005aef81a4a495
MT9P031_DS - Rev. F 5/11 EN
39
©2005 Aptina Imaging Corporation. All rights reserved.
MT9P031: 1/2.5-Inch 5Mp Digital Image Sensor
Spectral Characteristics
Spectral Characteristics
Figure 26:
Typical Spectral Characteristics
Figure 27:
CRA vs. Image Height (7 deg)
CRA vs. Image Height Plot
Image Height
CRA
(Deg)
(%)
(mm)
00
0
5
0.178
0.35
10
0.356
0.70
15
0.535
1.05
20
0.713
1.40
25
0.891
1.75
30
1.069
2.10
35
1.247
2.45
40
1.426
2.80
45
1.604
3.15
50
1.782
3.50
55
1.960
3.85
60
2.138
4.20
65
2.317
4.55
70
2.495
4.90
75
2.673
5.25
80
2.851
5.60
85
3.029
5.95
90
3.208
6.30
95
3.386
6.65
100
3.564
7.00
CRA Design
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
70
80
90
100
110
Image Height (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com