Electronic Components Datasheet Search
  English  ▼

X  

EYK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EYK
Description  Aluminum Capacitors Power Printed Wiring Style
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYK Datasheet(HTML) 2 Page - Vishay Siliconix

  EYK_13 Datasheet HTML 1Page - Vishay Siliconix EYK_13 Datasheet HTML 2Page - Vishay Siliconix EYK_13 Datasheet HTML 3Page - Vishay Siliconix EYK_13 Datasheet HTML 4Page - Vishay Siliconix EYK_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Not for New Designs
EYK
www.vishay.com
Vishay Roederstein
Revision: 08-Apr-13
2
Document Number: 25128
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Note
(1) The MOQ for SLB-version is 5000 pieces.
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple
current and/or temperature is applied.
DIMENSIONS in millimeters, MASS, AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Imax.
MASS
(g)
PACKAGING
QUANTITIES
(units per box)
CARDBOARD
BOX DIMENSIONS
L x W x H
25 x 30
26
32
 24
100
290 x 280 x 50
25 x 40
26
42
 28
100
290 x 280 x 60
30 x 40
31
42
 38
100
340 x 330 x 60
35 x 40
36
42
 51
50
390 x 198 x 60
35 x 50
36
52
 66
50
390 x 198 x 70
40 x 50
41
52
 82
50
440 x 223 x 70
40 x 70
41
72
 110
25
230 x 230 x 90
40 x 100
41
102
 176
25
230 x 230 x 120
D
max.
10 ± 0.5
“SL”
D
max.
Safety vent
Soldering lug
design T4
DIN 41 497
M8
10 ± 0.5
“SLB”
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com