Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 1 Page - First Components International

Part # BAT54
Description  200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BAT54 Datasheet(HTML) 1 Page - First Components International

  BAT54 Datasheet HTML 1Page - First Components International BAT54 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feature
* Low Turn-On Voltage
* Fast Switching, Marking: Single,Series,Common Cathode, Anode--BAT54,54S,54C, 54A
* Ultra Small Surface mount Package
* PN Junction Gard Ring for Transient and ESD protection
* Weight: 0.008gram
Max Ratings at Ta=25C Unless Otherwise Specified
Symbol BAT54 BAT54A BAT54C BAT54S Unit
Vrrm
30
30
30
30
V
Vrwm
30
30
30
30
V
Vdc
30
30
30
30
V
Vr(rms)
21
21
21
21
V
Pd
200
200
200
200
mW
If
200
200
200
200
mA
Ifrm
300
mA
Ifsm
600
600
600
600
mA
Tj/Ts
C
Vf
mV
Ir
uA
Cj
pF
Rthja
C/W
Mechanical Dimensions
500
Single
Common Cathode
Common Anode
Series
Dimensions in mm
-55~+125
240 @ 0.1mA, 400 @ 10mA,
0.32 @ 1mA, 500 @ 30mA,
1000 @100mA
2
10
Thermal Resistance Junction to Ambient Air
Power Dissipation
SOT-23
Description
Repetitive Peak Forward Surge Current
Max Forward Voltage
Reverse Leakage Current
Forward Continuous Current
Characteristic
Typical Junction Capacitance Vr=1.0V,
f=1.0MHz
Peak Forward Surge Current @t=1.0s
Operating & torage Temp. Range
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54 STMICROELECTRONICS-BAT54 Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54 WTE-BAT54 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT54W FCI-BAT54W Datasheet
181Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
200mA Surface Mount Schottky Barrier Rectifiers
BAT54HT1 SUNMATE-BAT54HT1 Datasheet
323Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
BAT86S SUNMATE-BAT86S Datasheet
177Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
RB520S-30 SUNMATE-RB520S-30 Datasheet
303Kb / 3P
200mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com