Electronic Components Datasheet Search
  English  ▼

X  

BT151 Datasheet(PDF) 2 Page - First Components International

Part # BT151
Description  12 Amp Silicon Controlled rectifiers all conduction angles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BT151 Datasheet(HTML) 2 Page - First Components International

  BT151 Datasheet HTML 1Page - First Components International BT151 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TJ=25ºC unless specified otherwise)
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Gate Trigger Current
IGT
VD=12V, IT=0.1A
15
mA
Latching Current
IL
VD=12V, IGT=0.1A
40
mA
Holding Current
IH
VD=12V, IGT=0.1A
20
mA
On State Voltage
VT
IT=23A
1.75
V
Gate Trigger Voltage
VGT
VD=12V, IT=0.1A
1.5
V
VD=VDRM (max),
IT=0.1A,TJ=125ºC
0.25
V
Off State Leakage Current
ID, IR
VD= VDRM (max),
VR=VRRM(max) TJ=125ºC
0.5
mA
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Critical Rate of Rise of Off State Voltage
dVD/dt
VDM=67% VDRM=(max),
TJ=125ºC, exponential
waveform
gate open circuit
50
V/
µs
RGK =100Ω
200
V/
µs
Gate Controlled Turn On time
tgt
ITM=40A, VD=VDRM (max),
IG=0.1A, dlG/dt=5A/µs
2.0
µs
Circuit Commutated Turn Off time
tq
VD=67% VDRM(max),
TJ=125ºC, ITM=20A, VR=25V,
dlTM/dt=30A/µs,
dVD/dt=50V/µs, RGK=100Ω
70
µs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com