Electronic Components Datasheet Search
  English  ▼

X  

ZBVB35 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZBVB35
Description  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZBVB35 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZBVB35 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZBVB35 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
13
To combine with:
heads, see page 36066-EN_Ver3.0/3
contacts, see page 36068-EN_Ver4.0/2
References
Light blocks
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Description
Supply voltage
V
Sold in
lots of
Unit
reference
Weight
kg
Direct supply for BA 9s
base fitting bulb, 2.4 W max.,
not included (1)
y 250
5
ZBV 6
0.016
Complete light bodies (fixing collar + light block )
For bulb with BA 9s base fitting (incandescent, neon or LED)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Light source
Supply voltage
V
Colour of
light source
Reference
Weight
kg
Direct supply
BA 9s base fitting bulb,
2.4 W max,
not included (1)
y 250
–
ZB4 BV6
0.052
Supply via integral transformer (1.2 VA, 6 V secondary)
BA 9s base fitting
incandescent bulb,
included
a 110…120 -50/60 Hz
–
ZB4 BV3
0.130
a 230 - 50 Hz
a 220…240 - 60 Hz
–
ZB4 BV4
0.130
a 400 - 50 Hz
–
ZB4 BV5
0.131
a 440…480 - 60 Hz
–
ZB4 BV8
0.128
a 550…600 - 60 Hz
–
ZB4 BV9
0.131
BA 9s base fitting LED,
included
a 110…120 - 50/60 Hz
White
ZB4 BV3D1
0.134
Green
ZB4 BV3D3
0.134
Red
ZB4 BV3D4
0.134
Orange
ZB4 BV3D5
0.134
Blue
ZB4 BV3D6
0.134
a 230 - 50 Hz
a 220…240 - 60 Hz
White
ZB4 BV4D1
0.134
Green
ZB4 BV4D3
0.134
Red
ZB4 BV4D4
0.134
Orange
ZB4 BV4D5
0.134
Blue
ZB4 BV4D6
0.134
a 400 - 50/60 Hz
White
ZB4 BV5D1
0.134
Green
ZB4 BV5D3
0.134
Red
ZB4 BV5D4
0.134
Orange
ZB4 BV5D5
0.134
Blue
ZB4 BV5D6
0.134
Complete light bodies with 3-terminal “test” function (fixing collar + light block)
For bulb with BA 9s base fitting (incandescent, neon or LED)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Direct supply
BA 9s base fitting bulb,
2.4 W max,
not included (1)
y 250
–
ZB4 BV156
0.062
(1) Bulb to be ordered separately, see page 36071-EN_Ver4.0/4.
Other versions
Complete bodies with Faston connector terminals (6.35 or 2 x 2.8), see page 36068-EN_
Ver4.0/3.
ZB4 BV6
ZB4 BV6
ZB4 BVp
ZB4 BVp
ZB4 BV156
ZB4 BV156
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
Control and signalling units Ø 22
0
Harmony® XB4, metal
Light bodies for pilot lights with BA 9s base fitting
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com