Electronic Components Datasheet Search
  English  ▼

X  

ZBVB17 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZBVB17
Description  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZBVB17 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZBVB17 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZBVB17 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
9
To combine with:
heads, see pages 36060-EN_Ver4.0/5 to 36065-EN_
Ver3.0/5
contacts, see page 36068-EN_Ver4.0/2
References
Complete body/contact assemblies and light blocks (1) (continued)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Light
source
Supply
voltage
Type of contact
Colour of
light source
Reference
Weight
V
N/O
N/C
kg
Direct supply (continued)
Integral LED
a 230…240
(50/60 Hz)
1
–
White
ZB4 BW0M11
0.064
Green
ZB4 BW0M31
0.064
Red
ZB4 BW0M41
0.064
Orange
ZB4 BW0M51
0.064
Blue
ZB4 BW0M61
0.064
–
1
White
ZB4 BW0M12
0.064
Green
ZB4 BW0M32
0.064
Red
ZB4 BW0M42
0.064
Orange
ZB4 BW0M52
0.064
Blue
ZB4 BW0M62
0.064
2
–
White
ZB4 BW0M13
0.074
Green
ZB4 BW0M33
0.074
Red
ZB4 BW0M43
0.074
Orange
ZB4 BW0M53
0.074
Blue
ZB4 BW0M63
0.074
1
1
White
ZB4 BW0M15
0.074
Green
ZB4 BW0M35
0.074
Red
ZB4 BW0M45
0.074
Orange
ZB4 BW0M55
0.074
Blue
ZB4 BW0M65
0.074
Other versions
Complete bodies with Faston connector terminals (6.35 or 2 x 2.8).
Please consult your Regional Sales Office.
(1) Can be fitted with additional contact blocks: see page 36068-EN_Ver4.0/2.
ZB4 BW0pp3
ZB4 BW0pp3
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/contact assemblies + light blocks with integral LED
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com