Electronic Components Datasheet Search
  English  ▼

X  

RAZ-2405S Datasheet(PDF) 1 Page - Recom International Power

Part # RAZ-2405S
Description  25째C, nominal input voltage and rated output current unless otherwise specified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAZ-2405S Datasheet(HTML) 1 Page - Recom International Power

  RAZ-2405S Datasheet HTML 1Page - Recom International Power RAZ-2405S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Voltage Range
±10% max.
Output Voltage Accuracy
-1% typ., ±5% max.
Line Voltage Regulation
(low line to high line at max. load)
1% max.
Load Voltage Regulation
(10% to 100% full load)
1% max.
Output Ripple and Noise (20MHz BW)
50mVp-p typ., 75mVp-p max.
Operating Frequency (Vin=nominal input)
20kHz min. / 35kHz typ. / 60kHz max.
Efficiency at Full Load
see Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 minute)
1000 VDC
(tested for 1 second)
1250 VDC
Isolation Voltage
H-Suffix
(testet for 1 minute)
2000 VDC
H-Suffix
(tested for 1 second)
2500 VDC
Isolation Capacitance
6pF typ., 10pF max.
Isolation Resistance
(Viso=500V)
10G
Ω min.
Short-Circuit Protection
continuous
Operating Temperature Range
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.6g
MTBF (+25°C)
using MIL-HDBK 217F
3914 x 10³ hours
MTBF (+85°C)
using MIL-HDBK 217F
855 x 10³ hours
Certifications
EN General Safety
EN60950-1, 2nd Edition
EN Medical Safety
Report: MDD1112018 + RM1112018
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under
1 second without damage to the converter.
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
85
30
95
} DetailedInformationsee
Application Notes chapter "MTBF"
Derating-Graph
(Ambient Temperature)
www.recom-electronic.com
REV: 0/2013
Selection Guide
Part
Input
Output
Output
Capacitive
Number
Voltage
Voltage
Current
Efficiency
Load
SMD
(VDC)
(VDC)
(mA)
(typ.)
(max.)
RAZ-0505S*
5
5
200
67%
2200µF
RAZ-1205S*
12
5
200
68%
2200µF
RAZ-2405S*
24
5
200
69%
2200µF
* add Suffix “/H“ for 2kVDC/1min. Isolation - e.g. RAZ-0505S/H
* add Suffix “-R“ for tape & reel packing - e.g. RAZ-1205S-R, RAZ-2405S/H-R
Specifications (measured at TA = 25°C, nominal input voltage and rated output current unless otherwise specified
1 Watt SMD
Single Output
● 1:1 Input Range
● Efficiency up to 69%
● 1kVDC and 2kVDC Isolation Option
● 1W SMD Package
● -40°C to +85°C Operating Temperature Range
● Continuous Short Circuit Protection
Features
Regulated
Converters
EN-60950-1 Certified
EN-60601-1 Certified*
(*/H suffix)
RAZ
ECONOLINE
DC/DC-Converter
Refer to Application Notes
E-62
RoHS
2011/65/EU
6/6


Similar Part No. - RAZ-2405S

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
RAZ32011MM PULSE-RAZ32011MM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
RAZ32012AM PULSE-RAZ32012AM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
RAZ32012DM PULSE-RAZ32012DM Datasheet
1Mb / 19P
GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
More results

Similar Description - RAZ-2405S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
RTM-0505S RECOM-RTM-0505S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
PIC GmbH
PFC-2416-3 PIC-PFC-2416-3 Datasheet
42Kb / 1P
Nominal values unless otherwise specified
PFC-2416-4 PIC-PFC-2416-4 Datasheet
47Kb / 1P
Nominal values unless otherwise specified
logo
Pasternack Enterprises,...
PE33660LF PASTERNACK-PE33660LF Datasheet
287Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33749 PASTERNACK-PE33749 Datasheet
115Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33753 PASTERNACK-PE33753 Datasheet
94Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33867 PASTERNACK-PE33867 Datasheet
168Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33896LF PASTERNACK-PE33896LF Datasheet
231Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33928LF PASTERNACK-PE33928LF Datasheet
275Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com