Electronic Components Datasheet Search
  English  ▼

X  

RWSERIES Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RWSERIES
Description  High Power SMD Wirewound Resistors 5 and 7 watt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RWSERIES Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RWSERIES Datasheet HTML 1Page - Ohmite Mfg. Co. RWSERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
D imen S ion S
±0.020in./±0.51mm
o RD e R ing in F o R mation
WireWoUND
SUrFaCe moUNT
Standard part numbers For RW Series
Resistance
Tolerance
Part Number
0.10
1%
RW5S0FAR100FE
1.0
1%
RW5S0FA1R00FE
10
5%
RW5S0FA10R0JE
20
5%
RW5S0FA20R0JE
47
5%
RW5S0FA47R0JE
100
5%
RW5S0FA100RJE
470
5%
RW5S0FA470RJE
1000
5%
RW5S0FA1K00JE
4700
5%
RW5S0FA4K70JE
10,000
5%
RW5S0FA10K0JE
RW Series
High Power SMD Wirewound Resistors
5 and 7 watt
Overall Dimensions
Length
Width
Height
RW5S0
0.806 / 20.47
0.365 / 9.27
0.406 / 10.31
RW7S0
1.128 / 28.65
0.471 / 11.96
0.51 / 12.95
Land Pattern
L
M
N
O
5W (FA)
0.600 / 15.24
1.000 / 25.40
0.200 / 5.08
0.450 / 11.43
7W (FB)
0.890 / 22.61
1.330 / 29.59
0.220 / 5.59
0.520 / 13.21
Tape and Reel
FA (5W)
FB (7W)
Reel Hub Diameter
77mm
77mm
Reel Outer Diameter
560mm
560mm
Reel Width
46mm
46mm
Tape Width
44mm
44mm
Pitch
20mm
24mm
Component type
R = resistor
Component Modifier
W = wirewound
Wattage
5S0 = 5w
7S0 = 7w
Type of Base
S = standard
Package
FA = 5W
FB = 7W
Package Modifier
A, B sequential
Resistance Value
R = Decimal
K = 1,000
M = 1,000,000
Tolerance
D = 0.50%
F= 1%
J= 5%
Examples:
R249 = 0.249 ohms
24R9 = 24.9 ohms
2K49 = 2,490 ohms
T = Tape
and Reel
(optional)
5W=300/reel
7W=250/reel
E = RoHS compliant
RW 5S0 FA 1K00F ET
Power Rating and Temperature Rise
data based on the recommended
Land Patterns using 10 oz. copper
PCB. FR-4 material. 0.062" thick. 4
layer.
L
O
M
N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com