Electronic Components Datasheet Search
  English  ▼

X  

CD4148 Datasheet(PDF) 2 Page - First Components International

Part # CD4148
Description  LEADLESS CHIP SIGNAL DIODE High Speed Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CD4148 Datasheet(HTML) 2 Page - First Components International

  CD4148_1 Datasheet HTML 1Page - First Components International CD4148_1 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
Page 10-17
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
LEADLESS CHIP SIGNAL DIODE
High Speed Switching
Relative capacitance versus
reverse voltage
0.7
0.8
0.9
1
1.1
02
4
6
8
10
VR (V)
Tj = 25C
f = 1MHz
Forward Characteristics
0.01
0.1
1
10
100
1000
01
2
VF
Dynamic forward resistance versus
forward current
1
10
100
1000
10000
0.01
0.1
1
10
100
IF (mA)
Admissable power dissipation
versus ambient temperature
Valid provided that leads at a distance of
8mm from case are kept at ambient
temperature
0
100
200
300
400
500
600
700
800
0
50
100
150
200
Tamb (
oC)
Leakage current versus junction
temperature
1
10
100
1000
10000
0100
200
Tj (
oC)
Admissable repetitive peak forward current versus pulse duration
Valid provided that leads at a distance of 8mm from case are kept at ambient temperature
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
tp (s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com