Electronic Components Datasheet Search
  English  ▼

X  

D4S Datasheet(PDF) 1 Page - First Components International

Part # D4S
Description  0.8 Amp Glass Passivated Single Phase Silicon Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

D4S Datasheet(HTML) 1 Page - First Components International

  D4S Datasheet HTML 1Page - First Components International D4S Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
De s c ription
F e a ture s
C O M PA C T S I Z E
L O W L E A K A G E C U R R E N T
3 0 A M P S U R G E O V E R L O A D R AT I N G
Me c ha nic a l Dim e ns ions
*
E X C E E D S E N V I R O N M E N T A L
S T A N DA R DS O F M I L S T D. 1 9 5 0 0
ME E T S U L S P E C I F I C AT I O N 9 4 V -0
G L A S S PA S S I V AT E D J U N C T I O N S
E le c tr ic a l C ha r a c te r is tic s @ 2 5 oC .
Maximum Ratings
D1 S . . . D12 S S e rie s
Data Sheet
0.8 Amp G la s s P a s s iva ted
S ingle P ha s e S ilic on B ridge
Units
Volts
Volts
Volts
............................................. 0. 8 ...............................................
............................................. 3 0 ...............................................
............................................. 1 0 ...............................................
............................................. 1. 0 ..................
........ 1.1 ......
............................................. 5. 0 ...............................................
............................................. 0. 5 ...............................................
.........................................
25. 0
..........................................
.........................................
85. 0
..........................................
.........................................
20. 0
..........................................
......................................... -55 to 150 ..........................................
Amps
Amps
A2S
Volts
µA
mA
pF
°C/W
°C
D1S
D2S
D4S
D6S
D8S
D10S
D12S
100
200
400
600
800
1000 1200
7 0
140
280
420
560
700
840
100
200
400
600
800
1000 1200
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Average Forward Rectified Current...I
F(av)
T
A = 40°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 mS Single½ SineWaveImposedonRatedLoad
Point Rating for Fusing...(T < 8.3 mS)
Forward Voltage...V
F
Bridge Element @ 0.4 Amp
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
J = 25°C
T
J =125°C
Typical Junction Capacitance per leg(1)...C
J
Typical Thermal Resistance per leg(2) R
θJA
R
θJL
Operating and Storage Temperature Range...T
J, TSTRG
MiniDip
*
*
*
*
*


Similar Part No. - D4S

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S10A-400L5-A ROSENBERGER-D4S10A-400L5-A Datasheet
436Kb / 3P
STRAIGHT PLUG FOR PCB
D4S10A-400L5-B ROSENBERGER-D4S10A-400L5-B Datasheet
436Kb / 3P
STRAIGHT PLUG FOR PCB
D4S10A-400L5-C ROSENBERGER-D4S10A-400L5-C Datasheet
436Kb / 3P
STRAIGHT PLUG FOR PCB
D4S10A-400L5-D ROSENBERGER-D4S10A-400L5-D Datasheet
436Kb / 3P
STRAIGHT PLUG FOR PCB
D4S10A-400L5-E ROSENBERGER-D4S10A-400L5-E Datasheet
436Kb / 3P
STRAIGHT PLUG FOR PCB
More results

Similar Description - D4S

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
W005G FCI-W005G Datasheet
125Kb / 2P
1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GBJ6005 FCI-GBJ6005 Datasheet
78Kb / 2P
6.0 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
logo
DIYI Electronic Technol...
EABS1 DYELEC-EABS1 Datasheet
1Mb / 2P
SINGLE PHASE 0.8 AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF2 DYELEC-RABF2_17 Datasheet
5Mb / 3P
SINGLE PHASE 0.8 AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
MB2F JINGHENG-MB2F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2-280-8A-29 DGNJDZ-ABS2-280-8A-29 Datasheet
411Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
MB1YS MCC-MB1YS Datasheet
259Kb / 3P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 1600 Volts
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com