Electronic Components Datasheet Search
  English  ▼

X  

DF005 Datasheet(PDF) 1 Page - First Components International

Part # DF005
Description  1.0 Amp Glass Passivated Single Phase Silicon Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

DF005 Datasheet(HTML) 1 Page - First Components International

  DF005_1 Datasheet HTML 1Page - First Components International DF005_1 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n COMPACT SIZE
n LOW LEAKAGE CURRENT
n 50 AMP SURGE OVERLOAD RATING
Mechanical Dimensions
n EXCEEDS ENVIRONMENTAL
STANDARDS OF MIL STD. 19500
n MEETS UL SPECIFICATION 94V-0
n GLASS PASSIVATED JUNCTIONS
Maximum Ratings
DF005 . . . 10 Series
Data Sheet
1.0 Amp Glass Passivated
Single Phase Silicon Bridge
Units
Volts
Volts
Volts
............................................. 1.0 ...............................................
............................................. 50 ...............................................
......................................... -55 to 150 ..........................................
.........................................
0.5
..........................................
Amps
A2s
°C
°C
Volts
µA
mA
DF005
DF01
DF02
DF04
DF06
DF08
DF10
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Average Forward Rectified Current...I
F(av)
T
A = 40°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3msSingle½SineWaveImposedonRatedLoad
Point Rating for Fusing...(T < 8.3 ms)
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
Per Bridge Element @ 1.0 Amp
Maximum DC Reverse Current Per Bridge Element...I
R
@ Rated DC Blocking Voltage
T
J =25°C
T
J =125°C
DF
Mechanical Data: Terminal Leads - Solderable per Mil Std. 202. Polarity - Molded
on Case. Mounting Position - Any. Weight - 0.04 Ounces, 1 Gram.
Electrical Characteristics
5.0
...............................................
.............................................
.............................................
10
...............................................
............................................. -55 to 150 ...............................................
.............................................
1.1
...............................................


Similar Part No. - DF005_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF005S1 FAIRCHILD-DF005S1 Datasheet
152Kb / 6P
Bridge Rectifier
logo
ON Semiconductor
DF005S1 ONSEMI-DF005S1 Datasheet
228Kb / 6P
Bridge Rectifier
May, 2024 - Rev. 3
logo
GOOD-ARK Electronics
DF005 GOOD-ARK-DF005_15 Datasheet
162Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results

Similar Description - DF005_1

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP100G JGD-KBP100G Datasheet
122Kb / 2P
SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005 TSC-1W005_1 Datasheet
88Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101 LUGUANG-DB101 Datasheet
255Kb / 2P
Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LB10M DGNJDZ-LB10M Datasheet
313Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com