Electronic Components Datasheet Search
  English  ▼

X  

F1A2 Datasheet(PDF) 1 Page - First Components International

Part # F1A2
Description  1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

F1A2 Datasheet(HTML) 1 Page - First Components International

  F1A2 Datasheet HTML 1Page - First Components International F1A2 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n DIFFUSED JUNCTION
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
F1A1 . . . F1A7 Series
Data Sheet
1.0 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Units
Volts
Volts
Volts
............................................. 1.0 ...............................................
............................................. 30 ...............................................
........................................ -50 to 175 .........................................
............................................. 1.1 ...............................................
............................................. 30 ...............................................
............................................. 5.0 ...............................................
............................................. 50 ...............................................
............................................. 15 ...............................................
............................................. 25 ...............................................
Amps
Amps
°C
Volts
µAmps
µAmps
µAmps
pF
°C / W
F1A1
F1A2
F1A3
F1A4
F1A5
F1A6
F1A7
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n LOW COST
n LOW LEAKAGE
Page 9-6
Average Forward Rectified Current...I
F(av)
T
A = 25°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 1.0A...V
F
Maximum Full Load Reverse Current...I
R(AV)
@ Full Cycle .375" Lead Length, T
L = 75°C
Maximum DC Reverse Current...I
R
25°C
@ Rated DC Blocking Voltage
100°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
.106
.126
.800 Min.
.023 Typ.
.091
.102
JEDEC
R1
Electrical Characteristics


Similar Part No. - F1A2

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
F1A2 JGD-F1A2 Datasheet
140Kb / 2P
1.0 AMP. FAST RECOVRY RECTIFIERS
logo
First Components Intern...
F1A2 FCI-F1A2 Datasheet
152Kb / 2P
1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Jinan Gude Electronic D...
F1A2G JGD-F1A2G Datasheet
137Kb / 2P
1.0 AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - F1A2

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR6A01 FCI-FR6A01 Datasheet
131Kb / 2P
6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5400 FCI-1N5400 Datasheet
149Kb / 2P
3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1 Datasheet
152Kb / 2P
1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251 FCI-RL251 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001_1 Datasheet
132Kb / 2P
1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
DIYI Electronic Technol...
1N4001 DYELEC-1N4001 Datasheet
765Kb / 2P
1.0 AMP. Plastic Silicon Rectifiers
logo
First Components Intern...
RL251S FCI-RL251S Datasheet
146Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com