Electronic Components Datasheet Search
  English  ▼

X  

FCR0360S Datasheet(PDF) 2 Page - First Components International

Part # FCR0360S
Description  0.3 Amp Silicon Controlled Rectifiers Mechanical Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FCR0360S Datasheet(HTML) 2 Page - First Components International

  FCR0360S Datasheet HTML 1Page - First Components International FCR0360S Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
GK (KΩ)
10−3
10−2
10−1
100
101
Holding Current vs R
GK
R
GK (KΩ)
10−3
10−2
10−1
100
101
Gate Trigger Current vs R
GK
0.0
0.5
1
1.5
2.0
2.5
3.0
0.001
0.01
0.1
1
10
On-State Voltage V
TM (V)
On-State Voltage vs V
TM
10−1
100
102
101
0.01
0.1
1
10
0
40
80
120
160
Ambient Temperature T
A (°°
°°°C)
Gate Trigger Current vs T
A
V
AK=7v
R=100Ω
Ambient Temperature T
A (°°
°°°C)
Ambient Temperature T
A (°°
°°°C)
Gate Trigger Voltage vs T
A
Holding Current vs T
A
0
40
120
160
80
0
40
120
160
80
10−1
100
101
0
8
4
2
6
800
700
600
500
400
300
Data Sheet
0.3 Amp Silicon
Controlled Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com