Electronic Components Datasheet Search
  English  ▼

X  

FG604 Datasheet(PDF) 2 Page - First Components International

Part # FG604
Description  6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS LOW COST LOW LEAKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG604 Datasheet(HTML) 2 Page - First Components International

  FG604 Datasheet HTML 1Page - First Components International FG604 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
6.0 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Typical Thermal Resistance vs. Lead Length
Lead Length (Inches)
Typical Forward Characteristics
Forward Voltage (V)
Typical Reverse Characteristics
Percent of Peak Reverse Voltage
Forward Current Derating Curve
Ambient Temperature (°°°°°C)
Maximim Non-Repetitive Surge
Current
Number of Cycles @ 60Hz
LL = Variation to PC Board
NOTES: 1. Measured @ 1 MHz and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Ambient, Jedec Method.
3. .375", (9.5mm) lead lengths.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com