Electronic Components Datasheet Search
  English  ▼

X  

FG1004 Datasheet(PDF) 1 Page - First Components International

Part # FG1004
Description  10 Amp Glass Passivated Standard Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG1004 Datasheet(HTML) 1 Page - First Components International

  FG1004 Datasheet HTML 1Page - First Components International FG1004 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R-6
Feature
Mechanical Data
▓ Very Low Forward Voltage Drop
▓ Case: R-6 Molded Plastic
▓ High Current Capability
▓ Epoxy: UL94-V Rate Flame Retardant
▓ High Reliability
▓ Terminals: Lead Solderable per
▓ High Surge Current Current capability
MIL-STD-202 Method 208 Guaranteed
▓ Outline Free Pb
▓
Max Ratings at Ta=25C Unless Otherwise Specified
Symbol
FG1
001
FG1
002
FG1
003
FG1
004
FG1
005
FG1
006
FG1
007
Unit
Vrrm
50
100 200 400 600 800 1000
V
Vrwm
50
100 200 400 600 800 1000
V
Vdc
50
100 200 400 600 800 1000
V
Vr(rms) 35
70
140 280 420 560
700
V
IF(AV)
A
IFSM
A
Vf
V
Ir
uA
Tj/Ts
C
Rthja
C/W
Cj
Pf
Characteristic
10
6
00
1.05
Reverse Leakage Current WITH Vr @
25C/150C
Dimension in inch (mm)
Weight: 2.1grams(approx.)
Typical Junction Capacitance at 4.0, 1MHz
Operating & Storage Temp. Range
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Thermal Resistance Junction to Ambient
non-Repetitive peak Surge Current 10ms
Sine pulse, rated Vrrm applied
Forward Continuous Current
Max Forward Voltage IF=10A @25C
150
5/50
-55 TO +160
14


Similar Part No. - FG1004

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FG1004 FCI-FG1004 Datasheet
4Mb / 2P
10 Amps General Purpose Plastic Rectifiers
More results

Similar Description - FG1004

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A05G JGD-6A05G Datasheet
137Kb / 2P
6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
1.0 AMP GLASS PASSIVATED RECTIFIERS
1N5400G FORMOSA-1N5400G Datasheet
32Kb / 2P
3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
logo
First Components Intern...
FG10A01 FCI-FG10A01 Datasheet
4Mb / 2P
10 Amp Glass Passivated Standard Rectifiers
FGFP6007 FCI-FGFP6007 Datasheet
442Kb / 3P
60 Amp Glass Passivated Standard Rectifiers
FGP6007 FCI-FGP6007 Datasheet
324Kb / 3P
60 Amp Glass Passivated Standard Rectifiers
logo
Goodwork Semiconductor ...
1N5400G GWSEMI-1N5400G Datasheet
65Kb / 2P
AMP GLASS PASSIVATED RECTIFIERS
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com