Electronic Components Datasheet Search
  English  ▼

X  

EVALST7590-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALST7590-1
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALST7590-1 Datasheet(HTML) 1 Page - STMicroelectronics

  EVALST7590-1 Datasheet HTML 1Page - STMicroelectronics EVALST7590-1 Datasheet HTML 2Page - STMicroelectronics EVALST7590-1 Datasheet HTML 3Page - STMicroelectronics EVALST7590-1 Datasheet HTML 4Page - STMicroelectronics EVALST7590-1 Datasheet HTML 5Page - STMicroelectronics EVALST7590-1 Datasheet HTML 6Page - STMicroelectronics EVALST7590-1 Datasheet HTML 7Page - STMicroelectronics EVALST7590-1 Datasheet HTML 8Page - STMicroelectronics EVALST7590-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
October 2011
Doc ID 18349 Rev 1
1/24
24
ST7590
Narrow-band OFDM power line networking
PRIME compliant system-on-chip
Features
■ Fully integrated narrow-band power line
networking system-on-chip
■ High performing DSP engine with embedded
turn-key firmware for Orthogonal frequency
division multiplexing (OFDM) modulation,
featuring:
– 96 sub-carriers in CENELEC A band
– BDPSK, QDPSK, 8DPSK programmable
modulations
– Programmable bit rate up to 128 kbps
– Convolutional coding and Viterbi decoding
– Signal to noise ratio and channel quality
estimation
– Full PRIME compliant PHY
■ On chip peripherals:
– Host controller UART/SPI interface
– I2C/SPI external data memory interface
– High speed SRAM controller for optional
external SRAM program code execution
– Watchdog timer
■ On chip 128 bit AES encryption HW block
■ Fully integrated analog front end:
– ADC and DAC
– High sensitivity receiver
– High linearity transmitter with intelligent
gain control
■ Fully integrated power line driver
– Up to 1 Arms, 14 Vpp single ended
– Configurable active filtering topology
– Ultra low distortion
– Embedded temperature sensor
– Current control
■ 3.3 V or 5 V I/O digital I/O supply
■ Integrated 5 V and 1.8 V linear regulators for
AFE and digital core supply
■ 8 V to 18 V line driver power supply
■ Suitable for applications compliant with
EN50065 and FCC part 15 specifications
■ -40 °C to +85 °C temperature range
■ QFN48 7x7 (ST7590) and TQFP 100 14x14
(ST7590T) exposed pad package options
Application
PRIME compliant smart metering and smart grid
applications.
Description
ST7590 is the first complete Narrowband OFDM
power line communication system-on-chip made
using a multi-power technology with state of the
art VLSI CMOS lithography. The ST7590 is based
on dual core architecture to assure outstanding
communication performance with a very high level
of flexibility and programmability for either open
standard or fully customized implementations.
QFN-48
(7 x 7 mm)
www.st.com


Similar Part No. - EVALST7590-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
More results

Similar Description - EVALST7590-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8165 AD-ADE8165 Datasheet
58Kb / 2P
Narrow-Band Power-Line Communications Master Modem IC with Networking Stack
Rev. Sp0
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALKITST7580-1 STMICROELECTRONICS-EVALKITST7580-1 Datasheet
136Kb / 4P
ST7580 power line networking system-on-chip demonstration kit
15-Feb-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
AN3213 STMICROELECTRONICS-AN3213 Datasheet
2Mb / 64P
ST7570 S-FSK power line networking system-on-chip
11-Oct-2010
AN4444 STMICROELECTRONICS-AN4444 Datasheet
3Mb / 68P
ST7590 PRIME compliant power line networking SoC design guide
30-Oct-2014
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
ST7570 S-FSK power line networking System-on-Chip
20-Sep-2011
logo
Microchip Technology
PL485 MICROCHIP-PL485 Datasheet
742Kb / 22P
Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
03/2020 Rev B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com