Electronic Components Datasheet Search
  English  ▼

X  

24LC32AIP Datasheet(PDF) 38 Page - Microchip Technology

Part # 24LC32AIP
Description  32K I2C??Serial EEPROM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32AIP Datasheet(HTML) 38 Page - Microchip Technology

Back Button 24LC32AIP Datasheet HTML 34Page - Microchip Technology 24LC32AIP Datasheet HTML 35Page - Microchip Technology 24LC32AIP Datasheet HTML 36Page - Microchip Technology 24LC32AIP Datasheet HTML 37Page - Microchip Technology 24LC32AIP Datasheet HTML 38Page - Microchip Technology 24LC32AIP Datasheet HTML 39Page - Microchip Technology 24LC32AIP Datasheet HTML 40Page - Microchip Technology 24LC32AIP Datasheet HTML 41Page - Microchip Technology 24LC32AIP Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
24AA32A/24LC32A
DS21713M-page 38
 2002-2012 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision D (12/2003)
Corrections to Section 1.0, Electrical Characteristics.
Revision E (03/2005)
Added DFN package.
Revision F (08/2005)
Revised Sections 4.3, 7.2 and 7.4.
Revision G (07/2006)
Replaced 2x3 DFN (MC) Package
Revision H (02/2007)
Changed 1.8V to 1.7V; Revised Features Section;
Replaced
Package
Drawings;
Deleted
Rotated
TSSOP; Revised Product ID Section.
Revision J (02/2009)
Added TDFN and SOT-23 packages; Updated
Package Drawings; Moved Pin Descriptions to Section
2.0; Renumbered Sections.
Revision K (12/2009)
Added Chip Scale Package.
Revision L (03/2010)
Added X-Rotated TSSOP package; Updated Package
Drawings.
Revision M (02/2012)
Corrected CS package drawing aspect ratio; Revised
Product ID System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com