Electronic Components Datasheet Search
  English  ▼

X  

24LC256ISN Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC256ISN
Description  256K I2C??CMOS Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256ISN Datasheet(HTML) 1 Page - Microchip Technology

  24LC256ISN Datasheet HTML 1Page - Microchip Technology 24LC256ISN Datasheet HTML 2Page - Microchip Technology 24LC256ISN Datasheet HTML 3Page - Microchip Technology 24LC256ISN Datasheet HTML 4Page - Microchip Technology 24LC256ISN Datasheet HTML 5Page - Microchip Technology 24LC256ISN Datasheet HTML 6Page - Microchip Technology 24LC256ISN Datasheet HTML 7Page - Microchip Technology 24LC256ISN Datasheet HTML 8Page - Microchip Technology 24LC256ISN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 1998-2013 Microchip Technology Inc.
DS20001203T-page 1
24AA256/24LC256/24FC256
Device Selection Table
Features:
• Single Supply with Operation Down to 1.7V for
24AA256 and 24FC256 Devices, 2.5V for
24LC256 Devices
• Low-Power CMOS Technology:
- Active current 400 uA, typical
- Standby current 100 nA, typical
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 5 ms Max.
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than One Million Erase/Write Cycles
• Data Retention >200 years
• Factory Programming Available
• Packages Include 8-lead PDIP, SOIC, DFN,
TDFN, TSSOP and MSOP
• Pb-Free and RoHS Compliant
• Temperature Ranges:
Description:
The Microchip Technology Inc. 24AA256/24LC256/
24FC256 (24XX256*) is a 32K x 8 (256 Kbit) Serial
Electrically Erasable PROM, capable of operation
across a broad voltage range (1.7V to 5.5V). It has
been developed for advanced, low-power applications
such as personal communications or data acquisition.
This device also has a page write capability of up to 64
bytes of data. This device is capable of both random
and sequential reads up to the 256K boundary.
Functional address lines allow up to eight devices on
the same bus, for up to 2 Mbit address space. This
device is available in the standard 8-pin plastic DIP,
SOIC, TSSOP, MSOP, DFN and TDFN packages. The
24AA256 is also available in the 8-lead Chip Scale
package.
Block Diagram
Package Types
*24XX256 is used in this document as a generic part number for the 24AA256/24LC256/24FC256 devices.
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA256
1.7-5.5V
400 kHz(1)
I, E
24LC256
2.5-5.5V
400 kHz
I, E
24FC256
1.7-5.5V
1 MHz(2)
I
Note 1:
100 kHz for VCC < 2.5V.
2:
400 kHz for VCC < 2.5V.
- Industrial (I):
-40
C to +85C
- Automotive (E):
-40
C to +125C
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
Memory
Control
Logic
I/O
Control
Logic
I/O
A0 A1A2
SDA
SCL
VCC
VSS
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/SOIC
TSSOP/MSOP(1)
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
5
6
7
8
4
3
2
1
VCC
Note 1: * Pins A0 and A1 are no connects for the MSOP package only.
Note 2: Available in I-temp, “AA” only.
CS (Chip Scale)(2)
12
3
45
6
7
8
VCC A1 A0
WP
A2
SDA SCL VSS
(TOP DOWN VIEW,
BALLS NOT VISIBLE)
256K I2C™ CMOS Serial EEPROM


Similar Part No. - 24LC256ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K IC CMOS Serial EEPROM
11/29/12
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
More results

Similar Description - 24LC256ISN

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256 MICROCHIP-24AA256_05 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com