Electronic Components Datasheet Search
  English  ▼

X  

32CTQ025 Datasheet(PDF) 8 Page - International Rectifier

Part # 32CTQ025
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

32CTQ025 Datasheet(HTML) 8 Page - International Rectifier

  32CTQ025 Datasheet HTML 1Page - International Rectifier 32CTQ025 Datasheet HTML 2Page - International Rectifier 32CTQ025 Datasheet HTML 3Page - International Rectifier 32CTQ025 Datasheet HTML 4Page - International Rectifier 32CTQ025 Datasheet HTML 5Page - International Rectifier 32CTQ025 Datasheet HTML 6Page - International Rectifier 32CTQ025 Datasheet HTML 7Page - International Rectifier 32CTQ025 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
32CTQ..., 32CTQ...S, 32CTQ...-1
8
Bulletin PD-20265 rev. B 07/06
www.irf.com
025 = 25V
030 = 30V
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
32
C
T
Q
030
S
TRL
-
Device Code
1
5
2
4
3
6
1
-
Current Rating (30A)
2
-
Circuit Configuration
C = Common Cathode
3
-
T = TO-220
4
-
Schottky "Q" Series
5
-
Voltage Ratings
6
-
S = D2Pak
-1= TO-262
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free
7
8
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 07/06



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com