Electronic Components Datasheet Search
  English  ▼

X  

32CTQ030 Datasheet(PDF) 1 Page - International Rectifier

Part # 32CTQ030
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

32CTQ030 Datasheet(HTML) 1 Page - International Rectifier

  32CTQ030 Datasheet HTML 1Page - International Rectifier 32CTQ030 Datasheet HTML 2Page - International Rectifier 32CTQ030 Datasheet HTML 3Page - International Rectifier 32CTQ030 Datasheet HTML 4Page - International Rectifier 32CTQ030 Datasheet HTML 5Page - International Rectifier 32CTQ030 Datasheet HTML 6Page - International Rectifier 32CTQ030 Datasheet HTML 7Page - International Rectifier 32CTQ030 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCHOTTKY RECTIFIER
32 Amp
32CTQ...
32CTQ...S
32CTQ...-1
Bulletin PD-20265 rev. B 07/06
Major Ratings and Characteristics
I
F(AV) Rectangular
30
A
waveform
V
RRM
25 - 30
V
I
FSM @ tp = 5 μs sine
900
A
V
F
@15 Apk, T
J = 125°C
0.40
V
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
Description/ Features
The 32CTQ... Schottky rectifier series has been optimized for
low
reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 150° C
junction temperature. Typical applications are in switching
power supplies, converters, free-wheeling diodes, and re-
verse battery protection.
150° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
1
IF(AV) = 30Amp
VR = 25 - 30V
Case Styles
32CTQ...
32CTQ... S
32CTQ... -1
TO-220
D2PAK
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 32CTQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
32CTQ030 IRF-32CTQ030 Datasheet
198Kb / 6P
SCHOTTKY RECTIFIER
32CTQ030 IRF-32CTQ030 Datasheet
166Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
logo
Sangdest Microelectroni...
32CTQ030 SMC-32CTQ030 Datasheet
260Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
32CTQ030 SMCDIODE-32CTQ030 Datasheet
427Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 32CTQ030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com