Electronic Components Datasheet Search
  English  ▼

X  

AM4543C Datasheet(PDF) 3 Page - ON Semiconductor

Part # AM4543C
Description  Single 2-Input OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AM4543C Datasheet(HTML) 3 Page - ON Semiconductor

  AM4543C Datasheet HTML 1Page - ON Semiconductor AM4543C Datasheet HTML 2Page - ON Semiconductor AM4543C Datasheet HTML 3Page - ON Semiconductor AM4543C Datasheet HTML 4Page - ON Semiconductor AM4543C Datasheet HTML 5Page - ON Semiconductor AM4543C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1G32
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = 255C
TA v 855C
*555C to 1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Minimum High−Level
Input Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
VOH
Minimum High−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = *50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN = VIH or VIL
IOH = *4 mA
IOH = *8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS Cload = 50 pF, Input tr = tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
TA ≤ 85°C
−55 ≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum Propagation
Delay,
Input A or B to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
4.8
6.1
7.9
11.4
9.5
13.0
11.5
15.5
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
3.7
4.4
5.5
7.5
6.5
8.5
8.0
10.0
CIN
Maximum Input
Capacitance
5.5
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 6)
Typical @ 25°C, VCC = 5.0 V
pF
11
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com