Electronic Components Datasheet Search
  English  ▼

X  

SCM1240M Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SCM1240M
Description  High Voltage, High Current 3-Phase Motor Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM1240M Datasheet(HTML) 3 Page - Allegro MicroSystems

  SCM1240M Datasheet HTML 1Page - Allegro MicroSystems SCM1240M Datasheet HTML 2Page - Allegro MicroSystems SCM1240M Datasheet HTML 3Page - Allegro MicroSystems SCM1240M Datasheet HTML 4Page - Allegro MicroSystems SCM1240M Datasheet HTML 5Page - Allegro MicroSystems SCM1240M Datasheet HTML 6Page - Allegro MicroSystems SCM1240M Datasheet HTML 7Page - Allegro MicroSystems SCM1240M Datasheet HTML 8Page - Allegro MicroSystems SCM1240M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
SANKEN ELECTRIC CO., LTD.
SCM1240MDS-Rev. 5
High Voltage, High Current 3-Phase Motor Drivers
SCM1240M
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VDC
Between VBB and LS
–
300
400
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
–
16.5
V
Logic Supply Voltage
VBS
Between VB and HS
13.5
–
16.5
V
Minimum Input Pulse Width
tINmin(on)
On pulse
0.5
–
–
μs
tINmin(off)
Off pulse
0.5
–
–
μs
Dead Time*
tdead
1.0
–
–
μs
¯F¯¯¯O¯ Pull-up Resistor
RFO
1
–
22
kΩ
¯F¯¯¯O¯ Pull-up Voltage
VFO
3.0
–
5.5
V
Bootstrap Capacitor
CBOOT
10
–
220
μF
Shunt Resistor
RS
SCM1241M
For IP ≤ 20 A
27
–
–
mΩ
SCM1243MF
SCM1245MF
SCM1246MF
For IP ≤ 30 A
15
–
–
mΩ
RC Filter Resistor
RO
–
–
100
Ω
RC Filter Capacitor
CO
–
–
2200
pF
PWM Carrier Frequency
fC
–
–
20
kHz
Junction Temperature
TJ
–
–
125
°C
*Dead Time must be controlled from an external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com