Electronic Components Datasheet Search
  English  ▼

X  

SIM6800M Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # SIM6800M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SIM6800M Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button SIM6800M Datasheet HTML 3Page - Allegro MicroSystems SIM6800M Datasheet HTML 4Page - Allegro MicroSystems SIM6800M Datasheet HTML 5Page - Allegro MicroSystems SIM6800M Datasheet HTML 6Page - Allegro MicroSystems SIM6800M Datasheet HTML 7Page - Allegro MicroSystems SIM6800M Datasheet HTML 8Page - Allegro MicroSystems SIM6800M Datasheet HTML 9Page - Allegro MicroSystems SIM6800M Datasheet HTML 10Page - Allegro MicroSystems SIM6800M Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
SIM6822M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, IC = 5 A, 0 V ≤ VHIN ≤ 5 V, inductive
load
–
735
–
ns
trH
–70–
ns
trrH
–80–
ns
tdH(off)
–
570
–
ns
tfH
–95–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, IC = 5 A, 0 V ≤ VLIN ≤ 5 V, inductive
load
–
685
–
ns
trL
–95–
ns
trrL
–80–
ns
tdL(off)
–
540
–
ns
tfL
–95–
ns
SIM6827M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, IC = 5 A, 0 V ≤ VHIN ≤ 5 V, inductive load
–
1030
–
ns
trH
–
180
–
ns
trrH
–
100
–
ns
tdH(off)
–
590
–
ns
tfH
–
150
–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, IC = 5 A, 0 V ≤ VLIN ≤ 5 V, inductive load
–
1030
–
ns
trL
–
240
–
ns
trrL
–
100
–
ns
tdL(off)
–
540
–
ns
tfL
–
150
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com