Electronic Components Datasheet Search
  English  ▼

X  

MPS6652 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS6652
Description  Amplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS6652 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS6652 Datasheet HTML 1Page - Motorola, Inc MPS6652 Datasheet HTML 2Page - Motorola, Inc MPS6652 Datasheet HTML 3Page - Motorola, Inc MPS6652 Datasheet HTML 4Page - Motorola, Inc MPS6652 Datasheet HTML 5Page - Motorola, Inc MPS6652 Datasheet HTML 6Page - Motorola, Inc MPS6652 Datasheet HTML 7Page - Motorola, Inc MPS6652 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NPN MPS6601 MPS6602 PNP MPS6651 MPS6652
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 1.0 Vdc)
(IC = 1000 mAdc, VCE = 1.0 Vdc)
hFE
50
50
30
—
—
—
—
Collector – Emitter Saturation Voltage
(IC = 1000 mAdc, IB = 100 mAdc)
VCE(sat)
—
0.6
Vdc
Base–Emitter On Voltage
(IC = 500 mAdc, VCE = 1.0 Vdc)
VBE(on)
—
1.2
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 50 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
100
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
30
pF
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 40 Vdc, IC = 500 mAdc,
IB1 = 50 mAdc,
tp w 300 ns Duty Cycle)
td
—
25
ns
Rise Time
(VCC = 40 Vdc, IC = 500 mAdc,
IB1 = 50 mAdc,
tp w 300 ns Duty Cycle)
tr
—
30
ns
Storage Time
IB1 = 50 mAdc,
tp w 300 ns Duty Cycle)
ts
—
250
ns
Fall Time
p w 300 ns Duty Cycle)
tf
—
50
ns
Figure 1. Switching Time Test Circuits
OUTPUT
TURN–ON TIME
–1.0 V
VCC
+40
V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0
mF
tr = 3.0 ns
0
+10
V
5.0
ms
OUTPUT
TURN–OFF TIME
+VBB
VCC
+40
V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0
mF
tr = 3.0 ns
5.0
ms
* Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com