Electronic Components Datasheet Search
  English  ▼

X  

OP501 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP501
Description  Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP501 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP501 Datasheet HTML 1Page - OPTEK Technologies OP501 Datasheet HTML 2Page - OPTEK Technologies OP501 Datasheet HTML 3Page - OPTEK Technologies OP501 Datasheet HTML 4Page - OPTEK Technologies OP501 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
02/09
Page 2 of 5
Silicon Phototransistor and Photo Darlington
in Miniature 0805 SMD Package
OP500, OP501, OP500DA, OP501DA
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-40o C to +100o C
Operating Temperature Range
-25o C to +85o C
Lead Soldering Temperature(1)
260° C
Collector-Emitter Voltage
OP500, OP501
OP500DA, OP501DA
30 V
35 V
Emitter-Collector Voltage
5 V
Power Dissipation(2)
OP500, OP501
OP500DA, OP501DA
75 mW
100 mW
Collector Current
OP500, OP501
OP500DA, OP501DA
20 mA
32 mA
Notes:
1. Solder time less than 5 seconds at temperature extreme.
2. Derate linearly at 2.17 mW/° C above 25° C.
3. Light source is an unfiltered GaAs LED with a peak emission wavelength of 935 nm and a radiometric intensity level which varies less
than 10% over the entire lens surface of the phototransistor being tested.
4. To calculate typical collector dark current in µA, use the formulate ICEO = 10
(0.04 t - ¾), where TA is the ambient temperature in ° C.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
IC(ON)
On-State Collector Current
OP500, OP501
OP500DA, OP501DA
0.1
10.0
-
-
-
-
mA
VCE = 5.0 V, EE = 0.15 mW/cm
2 (3)
VCE = 5.0 V, EE = 0.15 mW/cm
2 (3)
VCE(SAT)
Collector-Emitter Saturation Voltage
OP500, OP501
OP500DA, OP501DA
-
-
-
-
0.3
1.0
V
IC = 100 µA, EE = 1.0 mW/cm
2 (3)
IC = 1 mA, EE = 0.15 mW/cm
2 (3)
ICEO
Collector-Emitter Dark Current
-
-
100
nA
VCC= 5.0 V
(4)
VBR(CEO)
Collector-Emitter Breakdown Voltage
OP500, OP501
OP500DA, OP501DA
30
35
-
-
V
IC= 100 µA, EE = 0
VBR(ECO)
Emitter-Collector Breakdown Voltage
OP500, OP501
OP500DA, OP501DA
5
5
-
-
-
-
V
IE= 100 µA, EE = 0
IC= 100 µA, EE = 0
tr, tf
Rise and Fall Times
OP500, OP501
OP500DA, OP501DA
-
15
50
-
60
µs
IC= 1 mA, RL = 1KΩ
IC= 1 mA, RL = 1KΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com