Electronic Components Datasheet Search
  English  ▼

X  

STP75N3LLH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP75N3LLH6
Description  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N3LLH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP75N3LLH6 Datasheet HTML 2Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 3Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 4Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 5Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 6Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 7Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 9Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STD/P/U75N3LLH6, STU75N3LLH6-S
6/21
Doc ID 15978 Rev 4
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280dpc
ID
150
100
50
0
0
2
VDS(V)
4
(A)
1
3
5
200
250
3V
4V
5V
VGS=10V
6V
AM05505v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.98
1.00
1.02
1.06
0.96
1.04
125 150
AM05507v1
RDS(on)
4.15
4.10
4.05
4.00
0
20
ID(A)
(
Ω)
10
30
4.20
4.25
4.30
4.35
515
25
AM05508v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com