Electronic Components Datasheet Search
  English  ▼

X  

FGP6007 Datasheet(PDF) 3 Page - First Components International

Part # FGP6007
Description  60 Amp Glass Passivated Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FGP6007 Datasheet(HTML) 3 Page - First Components International

  FGP6007 Datasheet HTML 1Page - First Components International FGP6007 Datasheet HTML 2Page - First Components International FGP6007 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig. 8 - Thermal Impedance ZthJCCharacteristics
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Fig. 7 - Forward Voltage Drop Characteristics
1
10
100
1000
00.5
11.522.5 33.5
4
4.5
T = 25°C
Instantaneous Forward Voltage (V)
0.84V @11A
T = 1
75°C
J
J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com