Electronic Components Datasheet Search
  English  ▼

X  

ZMM3B6 Datasheet(PDF) 6 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM3B6
Description  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM3B6 Datasheet(HTML) 6 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM3B6 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM3B6 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM3B6 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM3B6 Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM3B6 Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM3B6 Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM3B6 Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM3B6 Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZMM1B...ZMM200B
10
o
10
Tj=25 C
Vz at Iz=5 mA
Iz=5 mA
1
1
2
10
4
3
5
23
4 5
100V
1
-5
23
Vz at Iz=5 mA
5
4
10
3
24 5
100V
ZMM...
5
Tj=25 C
3
2
5
4
10
7
2
Dynamic resistance
versus Zener voltage
100
rzj
5
4
3
7
10
0.1
3
2
5
4
2
3
5
4
1
Iz
24
3
2
10
7
2
5
7
3
4
rzj
Temperature dependence of Zener voltage
versus Zener voltage
o
0
5
10
15
25
20
Vz
Tj
mV/K
20mA
Iz=1mA
5mA
ZMM...
Vz
Tj
10mA
1
1
24
3
5
negative
5
3
2
4
10
2
4
3
2
rzth
10
5
rzth=RthA.Vz.
3
2
4
5
100V
Vz at Iz=5 mA
10
24
3
5
positive
ZMM...
Dynamic resistance
versus Zener current
3
Thermal differential resistance
versus Zener voltage
Valid provided that electrodes are kept
at ambient temperature
3
ZMM...
ZMM36B
39B
43B
47B+51B
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com