Electronic Components Datasheet Search
  English  ▼

X  

S82S-7705 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S82S-7705
Description  Miniature DIN Rail Mounting DC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82S-7705 Datasheet(HTML) 2 Page - Omron Electronics LLC

  S82S-7705 Datasheet HTML 1Page - Omron Electronics LLC S82S-7705 Datasheet HTML 2Page - Omron Electronics LLC S82S-7705 Datasheet HTML 3Page - Omron Electronics LLC S82S-7705 Datasheet HTML 4Page - Omron Electronics LLC S82S-7705 Datasheet HTML 5Page - Omron Electronics LLC S82S-7705 Datasheet HTML 6Page - Omron Electronics LLC S82S-7705 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
S82S
2
Specifications
■ Ratings/Characteristics
Note: 1. A 100% load for rated input voltage.
2. Output characteristics are measured at the power supply output terminals.
3. If the output voltage adjuster (V.ADJ) is turned, the voltage will increase by more than 50% of the voltage adjustment range. When
adjusting the output voltage, confirm the actual output voltage from the Power Supply and be sure that the load is not damaged.
4. The settings for the output voltage must be within the following range:
+V:
±1% of the rated value
–V:
±5% of the rated value
5. Refer to Overload Protection on page 4 for details.
Item
DC input
3 W
Single output 7.5 W
Dual Output 7.5 W
Efficiency (typical)
60% to 73% (Varies with specifications.)
Input
Voltage
AC
No
DC
10.2 to 27.6 VDC
Current (See note 1.)
0.6 A max.
1.2 A max.
Noise filter
Yes
Output
(See note
2.)
Voltage adjustment range
±5% (See note 3.)
None (See note 4.)
Ripple (See note 1.)
2% (p-p) max.
Input variation influence
0.5% max. (10.2 to 27.6 VDC input, 100% load)
Load variation influence
1.5% max.
+V: 1.5% max.
–V: 3% max.
Temperature variation influence 0.05%/
°C max.
Additional
function
Overload protection (See note 5.) 105% min. of rated load current, voltage drop, automatic reset
Other
Ambient operating temperature
Refer to the derating curve in Engineering Data
Storage temperature
−25 to 65°C
Ambient operating humidity
25% to 85% (storage humidity: 20% to 90%)
Dielectric strength
2.0 kVAC, 50/60Hz for 1 min.
(between all inputs and outputs/PE terminal)
1.5 kVAC, 50/60Hz for 1 min.
(between all inputs and outputs/PE terminal)
Insulation resistance
100 M
Ω min. at 500 VDC (between all outputs and inputs/PE terminal)
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
294 m/s2, 3 times each in
±X, ±Y, ±Z directions
Output indicator
Yes (color: green)
Approved standards
Refer to List of Certified Models for details.
Weight
150 g max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com