Electronic Components Datasheet Search
  English  ▼

X  

DA82562EM Datasheet(PDF) 21 Page - Intel Corporation

Part # DA82562EM
Description  82562ET 10/100 Mbps Platform LAN Connect (PLC)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA82562EM Datasheet(HTML) 21 Page - Intel Corporation

Back Button DA82562EM Datasheet HTML 17Page - Intel Corporation DA82562EM Datasheet HTML 18Page - Intel Corporation DA82562EM Datasheet HTML 19Page - Intel Corporation DA82562EM Datasheet HTML 20Page - Intel Corporation DA82562EM Datasheet HTML 21Page - Intel Corporation DA82562EM Datasheet HTML 22Page - Intel Corporation DA82562EM Datasheet HTML 23Page - Intel Corporation DA82562EM Datasheet HTML 24Page - Intel Corporation DA82562EM Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Networking Silicon — 82562ET
Datasheet
17
5.0
Platform LAN Connect Registers
The following subsections describe PHY registers that are accessible through the LAN Connect
management frame protocol.
Acronyms mentioned in the registers are defined as follows:
SC:
Self cleared.
RO:
Read only.
RW:
Read/Write.
E:
EEPROM setting affects content.
LL:
Latch low.
LH:
Latch high.
5.1
Medium Dependent Interface Registers 0 through 7
5.1.1
Register 0: Control Register Bit Definitions
Bit(s)
Name
Description
Default
R/W
15
Reset
This bit sets the status and control register of the PHY to
their default states and is self-clearing. The PHY returns
a value of one until the reset process has completed and
accepts a read or write transaction.
0 = Normal operation
1 = PHY Reset
0RW
SC
14
Loopback
This bit enables loopback of transmit data nibbles to the
receive data path. The PHY receive circuitry is isolated
from the network.
Note that this may cause the descrambler to lose
synchronization and produce 560 nanoseconds of “dead
time.”
Note also that the loopback configuration bit takes priority
over the Loopback MDI bit.
0 = Loopback disabled (normal operation)
1 = 1 = Loopback enabled
0RW
13
Speed Selection
This bit is valid on read and controls speed when Auto-
Negotiation is disabled.
0 = 10 Mbps
1 = 100 Mbps
1RW
12
Auto-Negotiation
Enable
This bit enables Auto-Negotiation. Bits 13 and 8, Speed
Selection and Duplex Mode, respectively, are ignored
when Auto-Negotiation is enabled.
0 = Auto-Negotiation disabled
1 = Auto-Negotiation enabled
1RW
11
Reduced Power
Down
This bit sets the PHY into a low power mode.
0 = Power down disabled (normal operation)
1 = Power down enabled
0RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com