Electronic Components Datasheet Search
  English  ▼

X  

MODEL3296 Datasheet(PDF) 1 Page - Pomona Electronics

Part # MODEL3296
Description  Adapter, Miniature Binding Posts To BNC Male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

MODEL3296 Datasheet(HTML) 1 Page - Pomona Electronics

  MODEL3296 Datasheet HTML 1Page - Pomona Electronics MODEL3296 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90761 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3296_1_01.doc
Page 1 of
2
Model 3296
Adapter, Miniature Binding Posts
To BNC Male
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body: Brass, Tarnish Resistant Plating, Center Contact: Gold Plated Brass
Marking: “Pomona 3296”
RATINGS:
Operating Voltage: Shield/Earth: 30VAC/60VDC Max.
Inner conductor/Shield: 500VRMS Max.
Operating Temperature: +50ºC. (+122ºF.) Max.
ORDERING INFORMATION: Model 3296


Similar Part No. - MODEL3296

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
MODEL3269 POMONA-MODEL3269 Datasheet
32Kb / 1P
Adapter ??BNC Female To Miniature Double Banana Plug
More results

Similar Description - MODEL3296

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1452 POMONA-1452 Datasheet
74Kb / 1P
Adapter-Binding Posts to BNC Receptacle
1469 POMONA-1469 Datasheet
34Kb / 1P
Adapter - Binding Post To BNC Male, Four Terminal Isolation
3296 POMONA-3296 Datasheet
24Kb / 2P
Adapter, Miniature Binding Posts To BNC Male
3430 POMONA-3430 Datasheet
25Kb / 1P
Adapter - Binding Post To BNC Male
5001 POMONA-5001 Datasheet
21Kb / 1P
Adapter, Binding Posts To Miniature (Bantam) Plug
logo
Pasternack Enterprises,...
PE9013 PASTERNACK-PE9013 Datasheet
79Kb / 1P
BNC FEMALE TO BINDING POSTS
logo
Pomona Electronics
MODEL1452 POMONA-MODEL1452 Datasheet
74Kb / 1P
Adapter-Binding Posts to BNC Receptacle
MODEL1469 POMONA-MODEL1469 Datasheet
34Kb / 1P
Adapter ??Binding Post To BNC Male, Four Terminal Isolation
MODEL3430 POMONA-MODEL3430 Datasheet
25Kb / 1P
Adapter ??Binding Post To BNC Male
logo
List of Unclassifed Man...
BU-P1296 ETC2-BU-P1296 Datasheet
179Kb / 1P
Adapter-BNC Male to Double Binding Post
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com