Electronic Components Datasheet Search
  English  ▼

X  

MPSA05 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSA05
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA05 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSA05 Datasheet HTML 1Page - Motorola, Inc MPSA05 Datasheet HTML 2Page - Motorola, Inc MPSA05 Datasheet HTML 3Page - Motorola, Inc MPSA05 Datasheet HTML 4Page - Motorola, Inc MPSA05 Datasheet HTML 5Page - Motorola, Inc MPSA05 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NPN MPSA05 MPSA06 PNP MPSA55 MPSA56
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 2. MPSA05/06 Current–Gain —
Bandwidth Product
Figure 3. MPSA55/56 Current–Gain —
Bandwidth Product
Figure 4. MPSA05/06 Capacitance
Figure 5. MPSA55/56 Capacitance
Figure 6. MPSA05/06 Switching Time
Figure 7. MPSA55/56 Switching Time
100
200
2.0
IC, COLLECTOR CURRENT (mA)
300
200
100
70
50
30
IC, COLLECTOR CURRENT (mA)
–100
–200
–10
200
100
70
50
20
10
100
0.1
VR, REVERSE VOLTAGE (VOLTS)
80
60
40
20
10
8.0
VR, REVERSE VOLTAGE (VOLTS)
–1.0
–100
–0.1
100
70
50
30
20
10
–2.0
20
VCE = 2.0 V
TJ = 25°C
VCE = –2.0 V
TJ = 25°C
TJ = 25°C
NPN
PNP
3.0
5.0 7.0
10
20
30
50
70
–2.0 –3.0
–5.0 –7.0
–20
–30
–50 –70
30
50
1.0
2.0
5.0
0.2
0.5
6.0
4.0
Cibo
Cobo
7.0
5.0
–0.2
–0.5
–5.0
–10
–20
–50
TJ = 25°C
Cibo
Cobo
20
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
IC, COLLECTOR CURRENT (mA)
–10
–5.0
500
200
100
50
20
10
–100
100
50
200
500
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
–50
–200
–500
1.0 k
5.0 7.0
30
70
300
700
30
70
td @ VBE(off) = 0.5 V
300
700
70
30
–7.0
–300
–70
–20 –30
VCC = –40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = –0.5 V
300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com