Electronic Components Datasheet Search
  English  ▼

X  

43CTQ080SPBF Datasheet(PDF) 4 Page - International Rectifier

Part # 43CTQ080SPBF
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

43CTQ080SPBF Datasheet(HTML) 4 Page - International Rectifier

  43CTQ080SPBF Datasheet HTML 1Page - International Rectifier 43CTQ080SPBF Datasheet HTML 2Page - International Rectifier 43CTQ080SPBF Datasheet HTML 3Page - International Rectifier 43CTQ080SPBF Datasheet HTML 4Page - International Rectifier 43CTQ080SPBF Datasheet HTML 5Page - International Rectifier 43CTQ080SPBF Datasheet HTML 6Page - International Rectifier 43CTQ080SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
43CTQ...SPbF, 43CTQ...-1PbF
4
Bulletin PD-21017 04/05
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 10 V
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
0
5
10
15
20
0
5
10
15
20
25
30
DC
F(AV)
RMSLimit
Average Forward Current - I
(A)
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
110
120
130
140
150
160
170
180
0
5
10
15
20
25
30
DC
F(AV)
see note (2)
Square wave (D = 0.50)
80%Rated V applied
R
Average Forward Current - I
(A)
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)
p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com