Electronic Components Datasheet Search
  English  ▼

X  

ZR431F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZR431F
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431F Datasheet(HTML) 2 Page - Diodes Incorporated

  ZR431F Datasheet HTML 1Page - Diodes Incorporated ZR431F Datasheet HTML 2Page - Diodes Incorporated ZR431F Datasheet HTML 3Page - Diodes Incorporated ZR431F Datasheet HTML 4Page - Diodes Incorporated ZR431F Datasheet HTML 5Page - Diodes Incorporated ZR431F Datasheet HTML 6Page - Diodes Incorporated ZR431F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZR431
ABSOLUTE MAXIMUM RATING
Cathode Voltage (VZ)
20V
Cathode Current
150mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Recommended Operating Conditions
Min
Max
Cathode Voltage
Vref
20V
Cathode Current
50
A 100mA
Power Dissipation (Tamb=25°C,Tjmax=150°C)
SOT23
330mW
TO92
780mW
SOT223
2W
SO8
780mW
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):Tamb=25°C
PARAMETER
SYMBOL
VALUE
UNITS CONDITIONS
MIN TYP MAX
Reference Voltage
2%
1%
(1)0.5%
Vref
2.45
2.475
2.489
2.50
2.50
2.50
2.55
2.525
2.513
VIL=10mA (Fig1), VZ=Vref
Deviation of Reference Input
Voltage over Temperature
Vdev
8.0
17
mV
IL=10mA, VZ=Vref
Ta=full range (Fig1)
Ratio of the change in
Reference Voltage to the
Change in Cathode
Voltage
Vref
VZ
-1.85 -2.7
mV/V
VZ from Vref to 10V
IZ=10mA (Fig2)
-1.0
-2.0
mV/V
VZ from 10V to 20V
IZ=10mA (Fig2)
Reference Input Current
Iref
0.12 1.0
A
R1=10k, R2=O/C, lL=10mA
(Fig2)
Deviation of Reference
Input Current over
Temperature
Iref
0.04 0.2
A
R1=10k, R2=O/C, IL=10mA
Ta=full range (Fig2)
Minimum Cathode
Current for Regulation
IZmin
35
50
A
VZ=Vref (Fig1)
Off-state Current
IZoff
0.1
A
VZ=20V, Vref =0V (Fig3)
Dynamic Output Impedance RZ
0.75

VZ=Vref (Fig1), f=0Hz
(1) 0.5% SOT23 only.
For definitions of reference voltage temperature coefficient and dynamic output impedance see
NOTES following DC TEST CIRCUITS
4-190
78



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com