Electronic Components Datasheet Search
  English  ▼

X  

ZHCS756TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZHCS756TA
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS756TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZHCS756TA Datasheet HTML 1Page - Diodes Incorporated ZHCS756TA Datasheet HTML 2Page - Diodes Incorporated ZHCS756TA Datasheet HTML 3Page - Diodes Incorporated ZHCS756TA Datasheet HTML 4Page - Diodes Incorporated ZHCS756TA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZHCS756
Document number: DS33219 Rev. 3 - 6
2 of 5
www.diodes.com
December 2011
© Diodes Incorporated
ZHCS756
PART OBSOLETE - USE SBR160S23
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Continuous Reverse Voltage
VR
60
V
Continuous Forward Current
IF
750
mA
Forward Voltage @ IF = 750mA
VF
610
mV
Average Peak Forward Current; D.C. = 50%
IFAV
1500
mA
Non Repetitive Forward Current
t
≤ 100μs
IFSM
12
A
t
≤ 10ms
5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation, TA = 25°C
PD
500
mW
Junction Temperature
TJ
125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
60
80
-
V
IR = 300μA
Forward Voltage (Note 2)
VF
-
250
290
mV
IF = 50mA
-
285
330
IF = 100mA
-
350
410
IF = 250mA
-
440
500
IF = 500mA
-
520
610
IF = 750mA
-
600
700
IF = 1A
-
760
900
IF = 1.5A
Reverse Current
IR
-
50
100
μA
VR = 45V
Diode Capacitance
CD
-
17
-
pF
f = 1MHz, VR = 25V
Reverse Recovery Time
trr
-
12
-
ns
Switched from IF = 500mA to
IR = 500mA
Measured @ IR = 50mA
Notes:
2. Measured under pulsed conditions. Pulse width = 300
μS. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com