Electronic Components Datasheet Search
  English  ▼

X  

HY3003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HY3003
Description  Power Supply Units
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HY3003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HY3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HY Series Power Supply Units
Specification
Model No
HY3003
HY3003-2
HY3003-3
HY3010
HY3020
Order No
HUC42-01
HUC42-02
HUC42-03
HUC42-04
HUC42-05
No of outputs
Single
Dual
Triple
Single
Single
Output voltage
0-30V
2 x 0-30V
2 x 0-30V, 5V
0-30V
0-30V
Output current
0-3A
2 x 0-3A
2 x 0-3A, 3A
0-10A
0-20A
Line regulation
<0.02% + 1mV
<0.02% + 1mV
<0.02% + 1mV
<0.02% + 3mV
<0.02% + 3mV
Load regulation <0.01% + 5mV
<0.01% + 5mV
<0.01% + 5mV
<0.02% + 10mV
<0.02% + 25mV
Ripple & noise
<1mVrms
<1mVrms
<1mVrms
<3mVrms
<3mVrms
Display
2 x 3.5 digit LED
Accuracy :
V - 1.0% + 2 dig
I - 1.5% + 2 dig
2 x 3.5 digit LED
Accuracy :
V - 1.0% + 2 dig
I - 1.5% + 2 dig
2 x 3.5 digit LED
Accuracy :
V - 1.0% + 2 dig
I - 1.5% + 2 dig
2 x 3.5 digit LED
Accuracy :
V - 1.0% + 2 dig
I - 1.5% + 2 dig
2 x 3.5 digit LED
Accuracy :
V - 1.0% + 2 dig
I - 1.5% + 2 dig
Input voltage
Dimensions
291 x 158 x
136mm
365 x 265 x
164mm
365 x 265 x
164mm
365 x 265 x
164mm
365 x 265 x
164mm
Weight
4kg
10kg
11kg
10kg
20kg
110/220V +/- 10% AC
The digimess® HY series is a comprehensive range of low cost general purpose linear
power supply units containing single, dual and triple output models. All models can operate
in either constant voltage or constant current modes and feature large red LED displays for
ease of viewing.
The dual and triple output types also include external switching for independent, tracking,
series and parallel modes of operation. All units are supplied with mains leads and
operating manuals.
digimess® concept
CE


Similar Part No. - HY3003

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY3003B HUAYI-HY3003B Datasheet
507Kb / 11P
N-Channel Enhancement Mode MOSFET
HY3003D HUAYI-HY3003D Datasheet
911Kb / 12P
N-Channel Enhancement Mode MOSFET
HY3003P HUAYI-HY3003P Datasheet
507Kb / 11P
N-Channel Enhancement Mode MOSFET
HY3003U HUAYI-HY3003U Datasheet
911Kb / 12P
N-Channel Enhancement Mode MOSFET
HY3003V HUAYI-HY3003V Datasheet
911Kb / 12P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY3003

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2016AB NDK-NX2016AB Datasheet
91Kb / 1P
Crystal Units
logo
Allen-Bradley
MSR122E ALLEN-BRADLEY-MSR122E Datasheet
93Kb / 2P
Expansion Units
logo
Shenzhen Luguang Electr...
SMD8.000M LUGUANG-SMD8.000M Datasheet
245Kb / 5P
CRYSTAL UNITS
SMD16.9344M LUGUANG-SMD16.9344M Datasheet
270Kb / 5P
CRYSTAL UNITS
SMD33.8688M LUGUANG-SMD33.8688M Datasheet
264Kb / 5P
CRYSTAL UNITS
logo
List of Unclassifed Man...
PM3006 ETC2-PM3006 Datasheet
648Kb / 1P
PM SERIES POWER SUPPLY UNITS
logo
NIHON DEMPA KOGYO
NX2016SA-25.000M-STD NDK-NX2016SA-25.000M-STD Datasheet
293Kb / 1P
Crystal Units
NX5032GC-16MHZ-STD NDK-NX5032GC-16MHZ-STD Datasheet
695Kb / 1P
Crystal Units
logo
Schneider Electric
NSYSM10M5HP SCHNEIDER-NSYSM10M5HP Datasheet
119Kb / 2P
Insulated head screw M5x10mm. Supply: 100 units
Nov 24, 2021
logo
Maxim Integrated Produc...
78M6610PSU MAXIM-78M6610PSU Datasheet
846Kb / 65P
Energy Measurement Processor for Single-Phase Power-Supply Units
2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com