Electronic Components Datasheet Search
  English  ▼

X  

NFSL757DT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFSL757DT
Description  Pb-free Reflow Soldering Application, Built-in ESD Protection Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757DT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFSL757DT Datasheet HTML 1Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 2Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 3Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 4Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 5Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 6Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 7Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 8Page - NICHIA CORPORATION NFSL757DT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NICHIA STS-DA1-2709A <Cat.No.130328>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.4
3.3
V
P11
30.3
36.0
P10
25.5
30.3
P9
21.4
25.5
Luminous Flux
P8
18.0
21.4
lm
R70
Ra
70
-
-
Ra
80
-
-
Color Rendering Index
R8000
R9
0
-
-
Color Ranks
Rank sw27
Rank sw30
x
0.4373
0.4562
0.4813
0.4593
x
0.4147
0.4299
0.4562
0.4373
y
0.3893
0.4260
0.4319
0.3944
y
0.3814
0.4165
0.4260
0.3893
Rank sw35
Rank sw40
x
0.3898
0.3996
0.4299
0.4147
x
0.3670
0.3736
0.3996
0.3898
y
0.3716
0.4015
0.4165
0.3814
y
0.3578
0.3874
0.4015
0.3716
Rank sw45
x
0.3515
0.3548
0.3736
0.3670
y
0.3487
0.3736
0.3874
0.3578
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
P8
P9
P10
P11
sw27
R70,R8000
sw30,sw35,sw40,
sw45
R70,R8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com