Electronic Components Datasheet Search
  English  ▼

X  

PAM2303 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2303
Description  3A Low Noise Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2303 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2303 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2303 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Applications
Description
n
n
n
n
n
Output Current: Up to 3A
Output Voltage: 0.6V to V
Input Voltage: 2.7 to 5.5V
Efficiency up to 95%
42 A (Typ) No Load Quiescent Current
Shutdown Current: <1 A
100% Duty Cycle Operation
1.5MHz Switching Frequency
Analog Soft Start
No external Compensation Required
Current Limit Protection
Thermal Shutdown
SOP-8(EP), DFN3X3-10 and QFN3X3-16
Package
5V or 3.3V Point of Load Conversion
Telecom/Networking Equipment
Set Top Boxes
Storage Equipment
Video Cards
DDR Power Supply
T h e PA M 2 3 0 3 i s a 3 A s t e p - d o w n D C - D C
converter. It operates in two different modes:
P S M a n d P W M m o d e s . A t l i g h t l o a d , i t
automactically enters into the PSM mode to
improve efficiency. At heavy load, the constant-
f re q u e n cy P WM co n t ro l p e r fo r m s e xc e lle n t
stability and transient response. No external
compensation components are required
The PAM2303 supports a range of input voltages
f r o m 2 . 7 V t o 5 . 5 V. T h e o u t p u t v o lt a g e is
adjustable from 0.6V to the input voltage. The
PAM2303 employs internal power switch and
synchronous rectifier to minimize external part
c o u n t a n d r e a l i z e h i g h e f f i c i e n c y. D u r i n g
shutdown, the input is disconnected from the
output and the shutdown current is less than 1 A.
Other key features include over-temperature and
sh o r t c ir c u it p r o t e c t i o n , a n d u n d e r -v o l t a g e
lockout to prevent deep battery discharge.
The PAM2303 delivers 3A maximum output
current while consuming only 42 A of no-load
quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make
the PAM2303 an ideal choice for high output
voltage, high current applications which require a
low dropout threshold.
T h e PA M 2 3 0 3 i s a v a i l a b l e i n S O P - 8 ( E P ) ,
DFN3X3-10, and QFN3X3-16 package.
IN
n
n
n
n
n
n
n
n
μ
μ
μ
μ
n
n
n
n
n
n
.
Typical Application
1
www.poweranalog.com
11/2011 Rev1.2
,
Power Analog Microelectronics Inc
PAM2303
3A Low Noise Step-Down DC-DC Converter
1
0.6
1
2
O
R
V
R
=
 +
U1
PAM23 07
PVIN
VIN
EN
TEST
SW
F B
C1
C 2
L1
1
2
R1
R 2
C3
100pF
R 3
1k
C4
1uF
22uF
22uF
VIN
VOUT
30uF
PAM2303
40uF


Similar Part No. - PAM2303

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
STEP-DOWN DC-DC CONVERTER
Rev 3
logo
Power Analog Micoelectr...
PAM2301CAAB120 PAM-PAM2301CAAB120 Datasheet
902Kb / 13P
800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301CAAB120 KODENSHI-PAM2301CAAB120 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM2303

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Power Analog Micoelectr...
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2310 PAM-PAM2310 Datasheet
312Kb / 11P
2A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2310 DIODES-PAM2310_V01 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com