Electronic Components Datasheet Search
  English  ▼

X  

PAM2319 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2319
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2319 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2319 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2319 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Since R
, quiescent current, and switching
losses all vary with input voltage, the total losses
should be investigated over the complete input
voltage range. The maximum power dissipation
d e p e n d s o n t h e t h e r m a l r e si st a n c e o f I C
package, PCB layout, the rate of surrounding
airflow and temperature difference between
junction and ambient. The maximum power
dissipation can be calculated by the following
formula:
Where TJ(ma x) is the m aximu m allo wable
junction temperature 125°C.T
is the ambient
tempera ture and
is the thermal resistance
from the junction to the ambient. Based on the
standard JEDEC for a two layers thermal test
board, the thermal resistance
of WDFN3X3 is
60°C/W. The maximum power dissipation at T =
25°C can be calculated by following formula:
P =(125°C-25°C)/60°C/W=1.67W
The internal reference is 0.6V (Typical). The
output voltage is calculated as below:
The output voltage is given by Table 1.
Resistor selection for output voltage
setting
When load current decreases, the peak swi tch
current in Power-PMOS will be lower than skip
current threshold and the device will enter into
Pulse Skipping Mode.
In this mode, the device has two states, working
state and idle state. First, the device enters into
w o r k in g s t a t e c o n t ro ll e d b y in t e r n a l e r ro r
amplifier.When the feedback voltage gets higher
than internal reference voltage, the device will
enter into low I
idle state with most of internal
blocks disabled. The output voltage will be
reduced by loading or leakage current. When the
feedback voltage gets lower than the internal
reference voltage, the convertor will start a
working state again.
As the input voltage approaches the output
voltage, the converter turns the P-chan nel
transistor continuously on. In this mode the
output voltage is equal to the input voltage minus
th e vo lt a g e d ro p a c ro s s t h e P - c h a n n e l
transistor:
V
= V –I
(R
+ R )
where R
= P-channel switch ON resistance,
I
= O u t p u t c u rr e n t , R
= I n d u c t o r D C
resistance.
The reference and the circuit remain reset un til
the VIN crosses its UVLO threshold.
The PAM2319 has an internal soft-start circuit
that limits the in-rush current during start-up.
This prevents possible voltage drops of the input
volt ag e an d elim ina t es t he o ut p ut volt a ge
overshoot.
When the die temperature exceeds 150°C, a
reset occurs and the reset remains until the
temperature decrease to 120°C, at which time
the circuit can be restarted.
DS(ON)
A
JA
JA
A
D
Q
OUT
IN
LOAD
dson
L
dson
L O A D
L
θ
θ
Setting the Output Voltage
Table 1:
Pulse Skipping Mode (PSM) Description
100% Duty Cycle Operation
UVLO and Soft-Start
Thermal Shutdown
O
R1
V =0.6×1+
R2
Vo
R1
R2
1.2V
150k
150k
1.5V
150k
100k
1.8V
300k
150k
2.5V
380k
120k
3.3V
680k
150k
J(MAX)
A
D
JA
T
-T
P =
θ
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2319
Dual High-Efficiency PWM Step-Down DC-DC Coverter
12/2011 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com